Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFUV1002 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFUV1002
Description  9GHz TO 14GHz GaAs MMIC IQ UP-CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFUV1002 Datasheet(HTML) 5 Page - RF Micro Devices

  RFUV1002 Datasheet HTML 1Page - RF Micro Devices RFUV1002 Datasheet HTML 2Page - RF Micro Devices RFUV1002 Datasheet HTML 3Page - RF Micro Devices RFUV1002 Datasheet HTML 4Page - RF Micro Devices RFUV1002 Datasheet HTML 5Page - RF Micro Devices RFUV1002 Datasheet HTML 6Page - RF Micro Devices RFUV1002 Datasheet HTML 7Page - RF Micro Devices RFUV1002 Datasheet HTML 8Page - RF Micro Devices RFUV1002 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5 of 17
RFUV1002
DS110908
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
USB LO Leakage
20
15
10
5
0
5
10
7
8
9
10
11
12
13
14
LO Frequency (GHz)
LO Leakage versus LO Frequency
Over Temperature (USB 10GHz Band)
25 C
85 C
40C
I bias = +7mV
Q bias = 16mV
20
15
10
5
0
5
10
7
8
9
10
111213
14
LO Frequency (GHz)
LO Leakage versus LOFrequency
Over Temperature (USB 11GHz Band)
25 C
85 C
40C
I bias = 16mV
Q bias = 38mV
20
15
10
5
0
5
10
7
8
9
10
11
12
13
14
LO Frequency (GHz)
LO Leakage versus LOFrequency
Over Temperature (USB 13GHz Band)
25 C
85 C
40C
I bias = 9mV
Q bias = 28mV


Similar Part No. - RFUV1002

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFUV1003 RFMD-RFUV1003 Datasheet
1Mb / 10P
   GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFUV1003PCK-410 RFMD-RFUV1003PCK-410 Datasheet
1Mb / 10P
   GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFUV1003S2 RFMD-RFUV1003S2 Datasheet
1Mb / 10P
   GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFUV1003SB RFMD-RFUV1003SB Datasheet
1Mb / 10P
   GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFUV1003SQ RFMD-RFUV1003SQ Datasheet
1Mb / 10P
   GaAs MMIC IQ UpConverter 12GHz to 16GHz
More results

Similar Description - RFUV1002

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFRX1002 RFMD-RFRX1002 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 9GHz to 14GHz
logo
Marki Microwave
MEQX-14ACH MARKIMICROWAVE-MEQX-14ACH Datasheet
456Kb / 8P
   Passive GaAs MMIC 14GHz Equalizer Family
logo
Hittite Microwave Corpo...
HMC113 HITTITE-HMC113 Datasheet
94Kb / 1P
   GaAs MMIC 2.5 TO 6 GHz UP - CONVERTER
logo
RF Micro Devices
RFUV1702 RFMD-RFUV1702 Datasheet
903Kb / 11P
   17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
RFRX1001 RFMD-RFRX1001 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
RFUV1003 RFMD-RFUV1003 Datasheet
1Mb / 10P
   GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
RFRX1701 RFMD-RFRX1701 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
logo
Marki Microwave
MMIQ-1865H MARKIMICROWAVE-MMIQ-1865H Datasheet
1Mb / 19P
   Passive GaAs MMIC IQ Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com