Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF154 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MRF154
Description  N-CHANNEL BROADBAND RF POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF154 Datasheet(HTML) 6 Page - Tyco Electronics

  MRF154 Datasheet HTML 1Page - Tyco Electronics MRF154 Datasheet HTML 2Page - Tyco Electronics MRF154 Datasheet HTML 3Page - Tyco Electronics MRF154 Datasheet HTML 4Page - Tyco Electronics MRF154 Datasheet HTML 5Page - Tyco Electronics MRF154 Datasheet HTML 6Page - Tyco Electronics MRF154 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CIRCUIT CONSIDERATIONS
At high power levels (500 W and up), the circuit layout be-
comes critical due to the low impedance levels and high RF
currents associated with the output matching. Some of the
components, such as capacitors and inductors must also
withstand these currents. The component losses are directly
proportional to the operating frequency. The manufacturers
specifications on capacitor ratings should be consulted on
these aspects prior to design.
Push–pull circuits are less critical in general, since the
ground referenced RF loops are practically eliminated, and
the impedance levels are higher for a given power output.
High power broadband transformers are also easier to de-
sign than comparable LC matching networks.
EQUIVALENT TRANSISTOR PARAMETER TERMINOLOGY
Collector
Drain
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter
Source
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Base
Gate
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V(BR)CES
V(BR)DSS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCBO
VDGO
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IC
ID
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ICES
IDSS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IEBO
IGSS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VBE(on)
VGS(th)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCE(sat)
VDS(on)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Cib
Ciss
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Cob
Coss
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
hfe
gfs
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
RCE(sat) =
VCE(sat)
IC
rDS(on) =
VDS(on)
ID
6
REV 2


Similar Part No. - MRF154

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET 600W, to 80MHz, 50V
MRF154 MA-COM-MRF154_15 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET
MRF154 MA-COM-MRF154_17 Datasheet
735Kb / 10P
   Broadband RF Power MOSFET
More results

Similar Description - MRF154

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MACOM-MRF177 Datasheet
214Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141 MACOM-MRF141 Datasheet
205Kb / 10P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173 MACOM-MRF173 Datasheet
147Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MOTOROLA-MRF151G Datasheet
156Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com