Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFUV1702S2 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFUV1702S2
Description  17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFUV1702S2 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFUV1702S2 Datasheet HTML 3Page - RF Micro Devices RFUV1702S2 Datasheet HTML 4Page - RF Micro Devices RFUV1702S2 Datasheet HTML 5Page - RF Micro Devices RFUV1702S2 Datasheet HTML 6Page - RF Micro Devices RFUV1702S2 Datasheet HTML 7Page - RF Micro Devices RFUV1702S2 Datasheet HTML 8Page - RF Micro Devices RFUV1702S2 Datasheet HTML 9Page - RF Micro Devices RFUV1702S2 Datasheet HTML 10Page - RF Micro Devices RFUV1702S2 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7 of 11
RFUV1702
DS130311
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Performance Using Single Control on VG1 = VG2 (without IQ bias)_3
VMPA = 4.5V, VLPA12 = 3.5V, VLOA1 = VLOA2 = 4V, VC1 = VC2 = VC3 = -4V
VG1 and VG2 are connected together off chip and changes over (-0.3V to 1V)
20.0
15.0
10.0
5.0
0.0
5.0
10.0
15.0
20.0
25.0
17.7
18.3
18.7
19.3
19.7
217
227
240
256
276
296
318
342
367
391
416
445
473
501
531
RF Frequency (GHz)
USB Conversion Gainversus Frequency
15.0
10.0
5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
17.7
18.3
18.7
19.3
19.7
217
227
240
256
276
296
318
342
367
391
416
445
473
501
531
RF Frequency (GHz)
USB OIP3 versusFrequency
40.0
35.0
30.0
25.0
20.0
15.0
10.0
5.0
0.0
5.0
10.0
15.2
15.8
16.2
16.8
17.2
217
227
240
256
276
296
318
342
367
391
416
445
473
501
531
X2 LO Frequency (GHz)
USB X2 LOLeakage versusFrequency
I_Total (mA)


Similar Part No. - RFUV1702S2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
logo
Qorvo, Inc
RFUV1703 QORVO-RFUV1703 Datasheet
1Mb / 13P
   21 GHz to 26.5 GHz GaAs MMIC IQ Upco
logo
RF Micro Devices
RFUV1703PCBA-410 RFMD-RFUV1703PCBA-410 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
logo
Qorvo, Inc
RFUV1703PCBA-410 QORVO-RFUV1703PCBA-410 Datasheet
1Mb / 13P
   21 GHz to 26.5 GHz GaAs MMIC IQ Upco
logo
RF Micro Devices
RFUV1703S2 RFMD-RFUV1703S2 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
More results

Similar Description - RFUV1702S2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
RFRX1701 RFMD-RFRX1701 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
RFUV1003 RFMD-RFUV1003 Datasheet
1Mb / 10P
   GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFPA1702 RFMD-RFPA1702 Datasheet
911Kb / 9P
   17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
logo
NEC
UPC8125GR NEC-UPC8125GR Datasheet
67Kb / 5P
   SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
UPC8125GR NEC-UPC8125GR_99 Datasheet
176Kb / 15P
   SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
logo
RF Micro Devices
RFRX1001 RFMD-RFRX1001 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
RFRX1002 RFMD-RFRX1002 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 9GHz to 14GHz
logo
Marki Microwave
MMIQ-1865H MARKIMICROWAVE-MMIQ-1865H Datasheet
1Mb / 19P
   Passive GaAs MMIC IQ Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com