Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFUV1003TR7 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFUV1003TR7
Description  GaAs MMIC IQ UpConverter 12GHz to 16GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFUV1003TR7 Datasheet(HTML) 1 Page - RF Micro Devices

  RFUV1003TR7 Datasheet HTML 1Page - RF Micro Devices RFUV1003TR7 Datasheet HTML 2Page - RF Micro Devices RFUV1003TR7 Datasheet HTML 3Page - RF Micro Devices RFUV1003TR7 Datasheet HTML 4Page - RF Micro Devices RFUV1003TR7 Datasheet HTML 5Page - RF Micro Devices RFUV1003TR7 Datasheet HTML 6Page - RF Micro Devices RFUV1003TR7 Datasheet HTML 7Page - RF Micro Devices RFUV1003TR7 Datasheet HTML 8Page - RF Micro Devices RFUV1003TR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140213
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 10
RFUV1003
GaAs MMIC IQ UpConverter
12GHz to 16GHz
RFMD's RFUV1003 is a 12GHz to 16GHz GaAs pHEMT upconverter,
incorporating an integrated LO buffer amplifier, a balanced single-side band
(image rejection) mixer followed by a variable gain amplifier and DC
decoupling capacitors. The combination of high performance part and low
cost packaging makes the RFUV1003 a cost effective solution, ideally
suited to both current and next generation Point-to-Point and VSAT
applications. RFUV1003 is packaged in a 5mm x 5mm QFN to simplify both
system level board design and volume assembly.
Functional Block Diagram
Ordering Information
RFUV1003S2
Sample bag with 2 pieces
RFUV1003SB
Bag with 5 pieces
RFUV1003SQ
Bag with 25 pieces
RFUV1003SR
7" Reel with 100 pieces
RFUV1003TR7
7" Reel with 750 pieces
RFUV1003TR13
13" Reel with 2500 pieces
RFUV1003PCK-410
Evaluation Board with 2-piece sample bag
Package: QFN, 32-pin,
5mm x 5mm x 0.95mm
Features
RF Frequency: 12GHz to 16GHz
LO Frequency: 8GHz to 20GHz
IF Frequency: DC to 4GHz
Maximum Conversion Gain: 23dB
Minimum Conversion Gain: -10dB
Noise Figure (Maximum Gain):
11dB
Noise Figure (Minimum Gain):
17dB
OIP3 (Maximum Gain): +28dBm
OIP3 (Minimum Gain): +12dBm
Image Rejection: 20dBc
Applications
Point-to-Point
VSAT
RFUV1003


Similar Part No. - RFUV1003TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFUV1002 RFMD-RFUV1002 Datasheet
1Mb / 17P
   9GHz TO 14GHz GaAs MMIC IQ UP-CONVERTER
RFUV1002PCK-410 RFMD-RFUV1002PCK-410 Datasheet
1Mb / 17P
   9GHz TO 14GHz GaAs MMIC IQ UP-CONVERTER
RFUV1002S2 RFMD-RFUV1002S2 Datasheet
1Mb / 17P
   9GHz TO 14GHz GaAs MMIC IQ UP-CONVERTER
RFUV1002SB RFMD-RFUV1002SB Datasheet
1Mb / 17P
   9GHz TO 14GHz GaAs MMIC IQ UP-CONVERTER
RFUV1002SQ RFMD-RFUV1002SQ Datasheet
1Mb / 17P
   9GHz TO 14GHz GaAs MMIC IQ UP-CONVERTER
More results

Similar Description - RFUV1003TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
RFUV1702 RFMD-RFUV1702 Datasheet
903Kb / 11P
   17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312 Datasheet
210Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312_13 Datasheet
587Kb / 10P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-300 RFMD-NBB-300 Datasheet
283Kb / 11P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-300 RFMD-NBB-300 Datasheet
566Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-302 RFMD-NBB-302_13 Datasheet
329Kb / 4P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com