Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFVA2017 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFVA2017
Description  ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVA2017 Datasheet(HTML) 7 Page - RF Micro Devices

  RFVA2017 Datasheet HTML 1Page - RF Micro Devices RFVA2017 Datasheet HTML 2Page - RF Micro Devices RFVA2017 Datasheet HTML 3Page - RF Micro Devices RFVA2017 Datasheet HTML 4Page - RF Micro Devices RFVA2017 Datasheet HTML 5Page - RF Micro Devices RFVA2017 Datasheet HTML 6Page - RF Micro Devices RFVA2017 Datasheet HTML 7Page - RF Micro Devices RFVA2017 Datasheet HTML 8Page - RF Micro Devices RFVA2017 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7 of 9
RFVA2017
DS141202
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Application Schematic
(Without using final stage amplifier power down control)
Application Schematic
(Using final stage amplifier power down control)
1
7
8
2
3
4
5
6
Voltage
Variable
Attenuator
RF OUT
RF IN
1 uF
VCC
VCNTRL
0.1 uF
1
7
8
2
3
4
5
6
Voltage
Variable
Attenuator
RF OUT
RF IN
1 uF
VCC
VCNTRL
0.1 uF
0.1 uF
VPC


Similar Part No. - RFVA2017

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFVA0016 RFMD-RFVA0016 Datasheet
1Mb / 19P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2810MHz
RFVA0016PCK-410 RFMD-RFVA0016PCK-410 Datasheet
1Mb / 19P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2810MHz
RFVA0016SQ RFMD-RFVA0016SQ Datasheet
1Mb / 19P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2810MHz
RFVA0016SR RFMD-RFVA0016SR Datasheet
1Mb / 19P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2810MHz
RFVA0016TR13 RFMD-RFVA0016TR13 Datasheet
1Mb / 19P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2810MHz
More results

Similar Description - RFVA2017

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RVA1007L RFMD-RVA1007L Datasheet
1Mb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1017 RFMD-RFVA1017 Datasheet
1Mb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1027 RFMD-RFVA1027 Datasheet
932Kb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RVA2007L RFMD-RVA2007L Datasheet
1Mb / 10P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RVA3007L RFMD-RVA3007L Datasheet
973Kb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA0016 RFMD-RFVA0016 Datasheet
1Mb / 19P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2810MHz
logo
NXP Semiconductors
BGU7073 NXP-BGU7073 Datasheet
393Kb / 22P
   Analog controlled high linearity low noise variable gain amplifier
Rev. 6-15 February 2017
BGU7075 NXP-BGU7075 Datasheet
378Kb / 20P
   Analog controlled high linearity low noise variable gain amplifier
Rev. 4-15 February 2017
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com