Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RVA2007LTR13 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RVA2007LTR13
Description  ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RVA2007LTR13 Datasheet(HTML) 2 Page - RF Micro Devices

  RVA2007LTR13 Datasheet HTML 1Page - RF Micro Devices RVA2007LTR13 Datasheet HTML 2Page - RF Micro Devices RVA2007LTR13 Datasheet HTML 3Page - RF Micro Devices RVA2007LTR13 Datasheet HTML 4Page - RF Micro Devices RVA2007LTR13 Datasheet HTML 5Page - RF Micro Devices RVA2007LTR13 Datasheet HTML 6Page - RF Micro Devices RVA2007LTR13 Datasheet HTML 7Page - RF Micro Devices RVA2007LTR13 Datasheet HTML 8Page - RF Micro Devices RVA2007LTR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RVA2007L
DS130725
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current
770
mA
Max Device Voltage
5.5
V
Max Control Line Voltage
6
V
Max RF Input Power*
25
dBm
Max Junction Temp (TJ)+150
°C
Max Storage Temp
+150
°C
Thermal Resistance (junction to
backside of module)
14.8
°C/W
ESD
Class 1C (1000V min)
Moisture Sensitivity Level
MSL3
*Load condition: ZL=50
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
All specifications for -40°C to +85°C, 4.75V to 5.25V,
and process variations unless otherwise stated.
Frequency
2110
2170
MHz
Temperature Range
-40
25
85
°C
Operating Range
Gain
23
24.5
25.5
dB
Min attenuator setting, 5V, 25C
Gain
22
24.5
26.5
dB
Over All Conditions
Nominal Operating Output Power
12
dBm
Operating power for ACPR rating
Output IP3
42
45
dBm
In high gain setting
P1dB
28
29.5
dBm
Max gain setting
ACPR
-60
-66
dBc
Dual carrier WCDMA, 7.5dB CF at nominal operating
power; over full attenuation range
Gain Flatness
0.2
0.6
dB
Over 50MHz BW
Gain Adjustment Range
19
23.5
dB
Control Voltage Range
0
3.3
V
Noise Figure
3.8
5.0
dB
Min attenuator setting
Impedance
50
Input Return Loss
15
20
dB
Over attenuation range
Output Return Loss
14
15
dB
Over attenuation range
Supply Voltage
4.75
5.0
5.25
V
Supply Current (VPC=0V)
300
460
600
mA
Max current at -40°C
Supply Current (VPC=0V)
120
126
140
mA
Output amplifier shutdown total current
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RoHS (Restriction of Hazardous Substances): Compliant per EU Directive
2002/95/EC.


Similar Part No. - RVA2007LTR13

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RVA-2000V3 MINI-RVA-2000V3 Datasheet
470Kb / 2P
   Voltage Variable Attenuator
RVA-2000V35 MINI-RVA-2000V35 Datasheet
533Kb / 3P
   Voltage Variable Attenuator
RVA-2500 MINI-RVA-2500 Datasheet
83Kb / 1P
   Voltage Variable Attenuator
RVA-2500-75 MINI-RVA-2500-75 Datasheet
522Kb / 3P
   Voltage Variable Attenuator
RVA-3000 MINI-RVA-3000 Datasheet
210Kb / 2P
   Voltage Variable Attenuator 50廓 20 to 3000 MHz
More results

Similar Description - RVA2007LTR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RVA1007L RFMD-RVA1007L Datasheet
1Mb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1017 RFMD-RFVA1017 Datasheet
1Mb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1027 RFMD-RFVA1027 Datasheet
932Kb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA2017 RFMD-RFVA2017 Datasheet
1Mb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RVA3007L RFMD-RVA3007L Datasheet
973Kb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA0016 RFMD-RFVA0016 Datasheet
1Mb / 19P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2810MHz
logo
NXP Semiconductors
BGU7073 NXP-BGU7073 Datasheet
393Kb / 22P
   Analog controlled high linearity low noise variable gain amplifier
Rev. 6-15 February 2017
BGU7075 NXP-BGU7075 Datasheet
378Kb / 20P
   Analog controlled high linearity low noise variable gain amplifier
Rev. 4-15 February 2017
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com