Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S51006555ZSQ Datasheet(PDF) 1 Page - RF Micro Devices

Part # S51006555ZSQ
Description  CATV OUT-OF-BAND TUNER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

S51006555ZSQ Datasheet(HTML) 1 Page - RF Micro Devices

  S51006555ZSQ Datasheet HTML 1Page - RF Micro Devices S51006555ZSQ Datasheet HTML 2Page - RF Micro Devices S51006555ZSQ Datasheet HTML 3Page - RF Micro Devices S51006555ZSQ Datasheet HTML 4Page - RF Micro Devices S51006555ZSQ Datasheet HTML 5Page - RF Micro Devices S51006555ZSQ Datasheet HTML 6Page - RF Micro Devices S51006555ZSQ Datasheet HTML 7Page - RF Micro Devices S51006555ZSQ Datasheet HTML 8Page - RF Micro Devices S51006555ZSQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
1 of 10
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
RF MEMS
S510065-55Z
CATV OUT-OF-BAND TUNER
RFMD’s S510065 is a downconverter designed to be used as an Out-of-
Band Tuner for use in CATV set-top box and Digital Cable Ready TV applica-
tions. The S510065 consists of an input AGC amplifier, mixer, and a
video/AGC amplifier. This device offers optimum performance with low
power consumption and low distortion. The product is RoHS compliant.
The smaller and more cost effective RFFC0085 is the new generation of
this product.
1
2
3
4
5
6
7
21
20
19
18
17
16
15
22
23
24
25
26
27
28
14
13
12
11
10
9
8
GND
GND
GND
NC
NC
Vdd
GND
GND
Vdd Video
VddLO
IF Out 2
IF Out 1
LOIn 2
LOIn 1
3.3V Single Supply Operation
Low Power Consumption
(400mW)
Low Distortion: -55dBc at
1VPP
82dB Total Conversion Gain
55dB Total Gain Control
Range
Low LO-RF Leakage
Applications
Cable Set-Top Boxes
Digital Cable Ready TV Sets
DS140120
Package: QFN 28
S510065-55Z
CATV Out-Of-
Band Tuner
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
RF Input Frequency Range
50
150
MHz
High Side L.O.
LO Input Frequency Range
80
220
MHz
High Side L.O.
Maximum Conversion Gain
82
dB
Includes saw filter loss
AGC Voltage
0
3
V
AGC Dynamic Range
50
55
dB
VAGC=0V to 3V
Third Order Intermodulation
50
55
dBc
1VPP Differential Output, 1K load
IF Output Level
1
2
VPP
Differential Output, 1K
 load
Noise Figure
13
15
dB
VAGC=3V
RF Amp/Mixer Conversion Gain
41
dB
VAGC=3V
Video Amplifier Gain
55
dB
VAGC=3V
LO leakage at the RF port
-95
-85
dBm
DC Performance
Supply Voltage
3.2
3.3
3.4
V
Supply Current
117
140
mA
Test Conditions: TA=25°C, VDD=3.3V, unless otherwise specified


Similar Part No. - S51006555ZSQ

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
S510065 SIRENZA-S510065 Datasheet
170Kb / 7P
   CATV OUT-OF- BAND- TUNER
More results

Similar Description - S51006555ZSQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISG510065 ETC-ISG510065 Datasheet
231Kb / 8P
   CATV OUT-OF-BAND TUNER
logo
NEC
UPC3220GR NEC-UPC3220GR Datasheet
213Kb / 9P
   CATV OUT-OF-BAND TUNER
logo
SIRENZA MICRODEVICES
S510065 SIRENZA-S510065 Datasheet
170Kb / 7P
   CATV OUT-OF- BAND- TUNER
logo
RF Micro Devices
S510075-33Z RFMD-S510075-33Z Datasheet
805Kb / 9P
   Out-of-Band Tuner
RFFC0085 RFMD-RFFC0085 Datasheet
1Mb / 9P
   OUT-OF-BAND TUNER
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com