Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1707PG1-C11 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJG1707PG1-C11
Description  800MHz TDMA FRONT-END GaAs MMIC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1707PG1-C11 Datasheet(HTML) 5 Page - New Japan Radio

  NJG1707PG1-C11 Datasheet HTML 1Page - New Japan Radio NJG1707PG1-C11 Datasheet HTML 2Page - New Japan Radio NJG1707PG1-C11 Datasheet HTML 3Page - New Japan Radio NJG1707PG1-C11 Datasheet HTML 4Page - New Japan Radio NJG1707PG1-C11 Datasheet HTML 5Page - New Japan Radio NJG1707PG1-C11 Datasheet HTML 6Page - New Japan Radio NJG1707PG1-C11 Datasheet HTML 7Page - New Japan Radio NJG1707PG1-C11 Datasheet HTML 8Page - New Japan Radio NJG1707PG1-C11 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NJG1707PG1
- 5 -
nTERMINAL INFORMATION
nTRUTH TABLE
”H”=VCTL (H), ”L”=VCTL (L), ”X”=H or L
CONTROL INPUT
CONTROL OUTPUT
Tx/Rx
Diversity
IN/OUT
ROUTE
CTL1
CTL2
CTL3
SW1 SW2 SW3 SW4 SW5 SW6 SW7 SW8 SW9
Tx-ANT1
H
X
H
OFF
OFF
OFF
ON
ON
OFF
OFF
OFF
ON
Tx-EXT1
H
X
L
OFF
OFF
ON
OFF
ON
ON
ON
OFF
OFF
Rx-ANT1
L
L
H
OFF
OFF
ON
OFF
ON
OFF
ON
ON
ON
Rx-ANT2
L
H
H
ON
OFF
OFF
OFF
OFF
ON
ON
ON
ON
Rx-EXT1
L
L
L
OFF
OFF
OFF
ON
ON
ON
OFF
ON
OFF
Rx-EXT2
L
H
L
OFF
ON
OFF
OFF
ON
ON
ON
ON
ON
PIN NO.
SYMBOL
DESCRIPTIONS
4
CTL1
5
CTL2
6
CTL3
Control signal input terminal of high impedance C-MOS logic. Logic level: High; more
than +2V, Low; 0~+0.6V. Please connect to GND or VDD with 100k
Ω if potential is
open or uncertain.
7
VSS
Negative supply terminal. Negative voltage of -3.5~-2.0V must be supplied on Tx
mode. This terminal is isolated on Rx mode, so open or –2.5~0V condition can be
used. Please connect bypass capacitor with GND to keep RF performance.
9
VDD
Positive supply terminal. The voltage of this terminal should be supplied before or
same time with other DC supplying terminals (CTL1~3, VSS). The bias voltage should
be +2.7~+5.0V. Please connect bypass capacitor with GND to keep RF performance.
11
EXT2
RF port for Rx signal. A DC cut capacitor (56pF~100pF) is required to block VDD
voltage.
13
EXT1
RF port for Tx/Rx signal. A DC cut capacitor (56pF~100pF) is required to block VDD
voltage.
15
TX
Tx power input terminal. A DC cut capacitor is required to block VDD voltage, and also
an external matching circuit is required to improve VSWR(See Application circuit).
17
TER2
A termination terminal for ANT1 in case ANT2 is in use. The influence of ANT1
against ANT2 is reduced. A DC cut capacitor (10pF) is required to block VDD voltage.
19
ANT1
RF port for Tx/Rx signal. A DC cut capacitor (56pF~100pF) is required to block VDD
voltage.
21
RX
Rx output terminal. A DC cut capacitor is required to block VDD voltage, and also an
external matching circuit is required to improve VSWR(See Application circuit).
23
ANT2
RF port for Rx signal. A DC cut capacitor (56pF~100pF) is required to block VDD
voltage.
25
TER1
A termination terminal for ANT2 in case ANT1 is in use. The influence of ANT2
against ANT1 is reduced. A DC cut capacitor (10pF) is required to block VDD voltage.
26,27
GND(LNA)
Ground terminal of LNA. Please place ground plane close to this pin for good RF
performance.
28
LNAIN
LNA input terminal. An external matching circuit is required.
30
LNAOUT
LNA output terminal. An external matching circuit with LNA biasing element L3, L4 as
in application circuit is required.
31
EXTCAP
Bypass capacitor terminal of LNA. Please place C9 as in application circuit close to
this terminal.
1,2,3,8,10,
12,14,16,1
8,20,22,24,
29,32
GND
Ground terminal. Please connect to ground plane as close as possible for good RF
performance.


Similar Part No. - NJG1707PG1-C11

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1701V NJRC-NJG1701V Datasheet
538Kb / 16P
   PHS MULTI-FUNCTION GaAs MMIC
NJG1704 NJRC-NJG1704 Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C1 NJRC-NJG1704KC1-C1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C2 NJRC-NJG1704KC1-C2 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
More results

Similar Description - NJG1707PG1-C11

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
   1.9GHz BAND FRONT-END GaAs MMIC
NJG1520PE1 NJRC-NJG1520PE1 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1521PE1 NJRC-NJG1521PE1 Datasheet
407Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1515AVB2 NJRC-NJG1515AVB2 Datasheet
549Kb / 18P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1557KB2 NJRC-NJG1557KB2 Datasheet
248Kb / 10P
   800MHz BAND MIXER GaAs MMIC
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
NJG1104KB2 NJRC-NJG1104KB2 Datasheet
273Kb / 12P
   800MHz BAND LNA GaAs MMIC
NJG1550F NJRC-NJG1550F Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com