Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130147-0061 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130147-0061
Description  Watertite Connector for Male Receptacle with Locking Blade
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130147-0061 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130147-0061 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130147-0061
Status:
Active
Overview:
Watertite® Wet-Location Wiring Solutions
Description:
Watertite® Connector for Male Receptacle with Locking Blade, Single Flip Coverplate,
3 Pole/4 Wire, NEMA L16-20, 3ø 250V, F3
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR6837
General
Product Family
Wiring Devices
Series
130147
IP Rating
IP67
NEMA Configuration
NEMA L16-20
Overview
Watertite® Wet-Location Wiring Solutions
Product Literature Order No
987650-8067
Product Name
Watertite®
Receptacle Type
Single
Specialty
N/A
Type
Connector
UPC
78678871374
Woodhead
Yes
Physical
Cord Grip Body Size
F3 3/4"
Flange
No
Flip Lid
No
Gender
Female
Length
N/A
Locking Blade
Yes
Poles
3-pole/4-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
20.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
3Ø 250V
Material Info
Old Part Number
27W76MB
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130147Series
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130147-0061

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130147-0060 MOLEX11-130147-0060 Datasheet
42Kb / 1P
   Watertite Extra Hard Outdoor Connector With Locking Blade
130147-0062 MOLEX11-130147-0062 Datasheet
43Kb / 1P
   Watertite Connector with Locking Blade
130147-0063 MOLEX11-130147-0063 Datasheet
50Kb / 1P
   Watertite Extra Hard Outdoor Connector With Locking Blade 4 Pole/5 Wire
130147-0064 MOLEX11-130147-0064 Datasheet
48Kb / 1P
   Watertite Connector for Male Receptacle with Locking Blade, Single Flip Coverplate
130147-0065 MOLEX11-130147-0065 Datasheet
43Kb / 1P
   Watertite Connector with Locking Blade, 4 Pole/5 Wire, NEMA L22-20, 3 480V, Cord Grip Body Size F3
More results

Similar Description - 130147-0061

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130147-0068 MOLEX11-130147-0068 Datasheet
48Kb / 1P
   Watertite Connector for Male Receptacle with Locking Blade
130147-0090 MOLEX11-130147-0090 Datasheet
56Kb / 1P
   Watertite Connector for Male Receptacle with Locking Blade
130147-0101 MOLEX11-130147-0101 Datasheet
56Kb / 1P
   Watertite Connector for Male Receptacle with Locking Blade
130147-0115 MOLEX11-130147-0115 Datasheet
57Kb / 1P
   Watertite Connector for Male Receptacle with Locking Blade
1301470061 MOLEX11-1301470061 Datasheet
50Kb / 1P
   Watertite Connector for Male Receptacle with Locking Blade
130147-0110 MOLEX11-130147-0110 Datasheet
57Kb / 1P
   Watertite Connector for Male Receptacle with Locking Blade
130147-0117 MOLEX11-130147-0117 Datasheet
53Kb / 1P
   Watertite Connector for Male Receptacle with Locking Blade
130147-0121 MOLEX11-130147-0121 Datasheet
53Kb / 1P
   Watertite Connector for Male Receptacle with Locking Blade
130147-0058 MOLEX11-130147-0058 Datasheet
57Kb / 1P
   Watertite Connector for Male Receptacle with Locking Blade
130147-0107 MOLEX11-130147-0107 Datasheet
57Kb / 1P
   Watertite Connector for Male Receptacle with Locking Blade
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com