Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF1193A Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF1193A
Description  SP10T ANTENNA SWITCH MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1193A Datasheet(HTML) 2 Page - RF Micro Devices

  RF1193A Datasheet HTML 1Page - RF Micro Devices RF1193A Datasheet HTML 2Page - RF Micro Devices RF1193A Datasheet HTML 3Page - RF Micro Devices RF1193A Datasheet HTML 4Page - RF Micro Devices RF1193A Datasheet HTML 5Page - RF Micro Devices RF1193A Datasheet HTML 6Page - RF Micro Devices RF1193A Datasheet HTML 7Page - RF Micro Devices RF1193A Datasheet HTML 8Page - RF Micro Devices RF1193A Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2 of 23
RF1193A
DS111104
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
VDD, CTLA, CTLB, CTLC, CTLD
6.0
V
Maximum Input Power
TX1
+36, 12.5% (TAMB = 25°C)
dBm
TRX1, TRX2, TRX3, TRX4
+32 (TAMB = 25°C)
dBm
TX2
+34, 12.5% (TAMB = 25°C)
dBm
RX1, RX2, RX3, RX4
+13 (TAMB = 25°C)
dBm
Operating Temperature
-30 to +90
°C
Storage Temperature
-65 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Nominal conditions unless otherwise stated.
VDD = 2.65V, VHIGH/VLOW = 1.8V/0V, Temp =
25°C, 50
Compliant with ETSI multi-slot pro-
file 2.
GSM850/900 Transmit
Frequency Range (GSM850)
824
836.5
849
MHz
Frequency Range (GSM900)
880
897.5
915
MHz
Insertion Loss
TX1 - ANT
0.85
1.30
dB
PIN = 35dBm, 12.5% DC, 824MHz to 849MHz,
880MHz to 915MHz
Attenuation
TX1 - ANT, 2f0
24
37
dB
PIN = 0dBm; Freq = 1648MHz to 1830MHz
TX1 - ANT, 3f0
22
26
dB
PIN = 0dBm; Freq = 2472MHz to 2745MHz
TX1 - ANT, 4f0
30
37
dB
PIN = 0dBm; Freq = 3296MHz to 3660MHz
TX1 - ANT, 5f0 up to
12.75GHz
18
21
dB
PIN = 0dBm; Freq = 4120MHz to 12750MHz
Isolation
TX1 - RX1
35
44
dB
TX1 = 824MHz to 849MHz, 880MHz to
915MHz
TX1 - RX2
35
44
dB
TX1 - RX3
35
44
dB
TX1 - RX4
35
44
dB
TX1 - TRX1
35
40
dB
TX1 - TRX2
35
40
dB
TX1 - TRX3
35
42
dB
TX1 - TRX4
35
41
dB
TX1 - TX2
25
31
dB
TX1 = 824MHz to 849MHz, 1648MHz to
1830MHz
TX2 - ANT
25
43
dB
TX2 = 1710MHz to 1910MHz
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.


Similar Part No. - RF1193A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1199 RFM-RF1199 Datasheet
116Kb / 2P
   297.4 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1199 MURATA-RF1199 Datasheet
110Kb / 2P
   297.4 MHz SAW Filter
More results

Similar Description - RF1193A

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF8889A RFMD-RF8889A Datasheet
2Mb / 26P
   SP10T ANTENNA SWITCH MODULE
logo
New Japan Radio
NJG1686MHH NJRC-NJG1686MHH Datasheet
310Kb / 13P
   SP10T ANTENNA SWITCH GaAs MMIC
NJG1670LG3 NJRC-NJG1670LG3 Datasheet
206Kb / 11P
   SP10T ANTENNA SWITCH GaAs MMIC
logo
Skyworks Solutions Inc.
SKY13498-31 SKYWORKS-SKY13498-31 Datasheet
787Kb / 21P
   0.7 to 2.7 GHz SP10T MIPI Antenna Switch Module
SKY13498-21 SKYWORKS-SKY13498-21 Datasheet
786Kb / 21P
   0.7 to 2.7 GHz SP10T MIPI Antenna Switch Module
logo
Sony Corporation
CXM3520BER SONY-CXM3520BER Datasheet
272Kb / 15P
   SP10T Antenna Switch Module for GSM and UMTS/CDMA Multi Mode Handset
logo
Infineon Technologies A...
BGS110MN20 INFINEON-BGS110MN20 Datasheet
1Mb / 18P
   SP10T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.1 - June 23, 2016
logo
Will Semiconductor Ltd.
WS7810QM WILLSEMI-WS7810QM Datasheet
1Mb / 12P
   0.1GHz??GHz SP10T Diversity Antenna Switch with MIPI RFFE Interface
logo
Sony Corporation
CXM3560XR SONY-CXM3560XR Datasheet
239Kb / 12P
   SP10T Antenna Switch for GSM/UMTS Dual Mode Handsets
logo
Mini-Circuits
SPI-SP10T-63 MINI-SPI-SP10T-63 Datasheet
944Kb / 11P
   SPI RF SP10T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com