Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF1602L Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF1602L
Description  Broadband SPDT Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1602L Datasheet(HTML) 8 Page - RF Micro Devices

  RF1602L Datasheet HTML 1Page - RF Micro Devices RF1602L Datasheet HTML 2Page - RF Micro Devices RF1602L Datasheet HTML 3Page - RF Micro Devices RF1602L Datasheet HTML 4Page - RF Micro Devices RF1602L Datasheet HTML 5Page - RF Micro Devices RF1602L Datasheet HTML 6Page - RF Micro Devices RF1602L Datasheet HTML 7Page - RF Micro Devices RF1602L Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8 of 8
RF1602
DS20130218
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
L1*
DNI
C1
10nF
1
J1
ANT
1
J2
RF1
1
J3
RF2
ANT 2
RF1
5
RF2 11
U1
RF1602
EN
CTRL
VBATT
1
2
3
4
5
P1
HDR_1X5
C2
100pF
C3
100pF
R1
R2


Similar Part No. - RF1602L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF1602 RFMD-RF1602 Datasheet
601Kb / 8P
   Broadband SPDT Switch
More results

Similar Description - RF1602L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW1012 RFMD-RFSW1012 Datasheet
863Kb / 13P
   BROADBAND SPDT SWITCH
RF1602 RFMD-RF1602 Datasheet
601Kb / 8P
   Broadband SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0093 MA-COM-MASWSS0093_15 Datasheet
82Kb / 3P
   GaAs Broadband SPDT Switch
MASWSS0070_V5 MA-COM-MASWSS0070_V5 Datasheet
126Kb / 5P
   GaAs Broadband SPDT Switch
MASW-007588 MA-COM-MASW-007588_15 Datasheet
550Kb / 4P
   GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107_15 Datasheet
718Kb / 6P
   GaAs Broadband SPDT Switch
MASW-007588 MA-COM-MASW-007588 Datasheet
73Kb / 3P
   GaAs Broadband SPDT Switch
logo
California Eastern Labs
CG2163X3 CEL-CG2163X3_17 Datasheet
617Kb / 8P
   Broadband SPDT RF Switch
logo
M/A-COM Technology Solu...
MASWSS0202 MA-COM-MASWSS0202_15 Datasheet
664Kb / 5P
   GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107 Datasheet
157Kb / 4P
   GaAs Broadband SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com