Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBB3000 Datasheet(PDF) 3 Page - RF Micro Devices

Part # SBB3000
Description  50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBB3000 Datasheet(HTML) 3 Page - RF Micro Devices

  SBB3000 Datasheet HTML 1Page - RF Micro Devices SBB3000 Datasheet HTML 2Page - RF Micro Devices SBB3000 Datasheet HTML 3Page - RF Micro Devices SBB3000 Datasheet HTML 4Page - RF Micro Devices SBB3000 Datasheet HTML 5Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3 of 5
DS120719
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SBB3000
SBB3089Z Typical Performance with Bias Tees, VS = 5V, RDC = 20, ID = 42mA
S11 versus Frequency
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)
25C
-40C
85C
S21 versus Frequency
10.0
12.0
14.0
16.0
18.0
20.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)
25C
-40C
85C
S12 versus Frequency
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)
25C
-40C
85C
S22 versus Frequency
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)
25C
-40C
85C
NF versus Frequency
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.00.5
1.01.5
2.02.5
3.03.5
25°C
85°C
DCIV
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.05.5
-40°C
25°C
85°C


Similar Part No. - SBB3000

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB3082S RFMD-SBB3082S Datasheet
706Kb / 5P
   InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB3089Z RFMD-SBB3089Z Datasheet
387Kb / 5P
   50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
logo
STMicroelectronics
SBB3089Z STMICROELECTRONICS-SBB3089Z Datasheet
860Kb / 9P
   50MHz to 6000MHz Gain Block
June 8, 2021
logo
RF Micro Devices
SBB3089ZPCK1 RFMD-SBB3089ZPCK1 Datasheet
387Kb / 5P
   50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
logo
STMicroelectronics
SBB3089ZPCK1 STMICROELECTRONICS-SBB3089ZPCK1 Datasheet
860Kb / 9P
   50MHz to 6000MHz Gain Block
June 8, 2021
More results

Similar Description - SBB3000

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB3082S RFMD-SBB3082S Datasheet
706Kb / 5P
   InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB5082S RFMD-SBB5082S Datasheet
845Kb / 6P
   InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB3089Z RFMD-SBB3089Z Datasheet
387Kb / 5P
   50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
SBB4082S RFMD-SBB4082S Datasheet
744Kb / 5P
   InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB-3089Z RFMD-SBB-3089Z Datasheet
252Kb / 6P
   50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB4089Z RFMD-SBB4089Z Datasheet
520Kb / 8P
   50MHz to 6000MHz CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-3082S RFMD-SBB-3082S Datasheet
706Kb / 5P
   InGaP HBT Active Bias Gain Block
SBB-4082S RFMD-SBB-4082S Datasheet
744Kb / 5P
   InGaP HBT Active Bias Gain Block
logo
WJ Communication. Inc.
WJA1035 WJCI-WJA1035 Datasheet
208Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com