Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3931D Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3931D
Description  30W GaN on SiC Power Amplifier Die
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3931D Datasheet(HTML) 3 Page - RF Micro Devices

  RF3931D Datasheet HTML 1Page - RF Micro Devices RF3931D Datasheet HTML 2Page - RF Micro Devices RF3931D Datasheet HTML 3Page - RF Micro Devices RF3931D Datasheet HTML 4Page - RF Micro Devices RF3931D Datasheet HTML 5Page - RF Micro Devices RF3931D Datasheet HTML 6Page - RF Micro Devices RF3931D Datasheet HTML 7Page - RF Micro Devices RF3931D Datasheet HTML 8Page - RF Micro Devices RF3931D Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS130906
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 9
RF3931D
Parameter
Specification
Unit
Condition
Min
Typ
Max
RF Typical Performance of
Packaged Die
Test Conditions: CW operation, VDSQ = 48V, IDQ = 130mA,
T = 25°C, in a tuned test circuit.
VGS (Q)
-3.5
V
Small Signal Gain
20
dB
f = 900MHz
14
dB
f = 2140MHz
Output Power at P3dB
47
dBm
f = 900MHz
46.5
dBm
f = 2140MHz
Drain Efficiency at P3dB
65
%
f = 900MHz
63
%
f = 2140MHz


Similar Part No. - RF3931D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3931 RFMD-RF3931 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3931 RFMD-RF3931 Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
RF3931PCK-411 RFMD-RF3931PCK-411 Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
RF3931S2 RFMD-RF3931S2 Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
RF3931SB RFMD-RF3931SB Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
More results

Similar Description - RF3931D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3934D RFMD-RF3934D Datasheet
689Kb / 9P
   120W GaN on SiC Power Amplifier Die
RF3930D RFMD-RF3930D Datasheet
836Kb / 8P
   10W GaN on SiC Power Amplifier Die
RF3932D RFMD-RF3932D Datasheet
831Kb / 9P
   60W GaN on SiC Power Amplifier Die
RF3933D RFMD-RF3933D Datasheet
870Kb / 9P
   90W GaN on SiC Power Amplifier Die
RFHA3942D RFMD-RFHA3942D Datasheet
1Mb / 9P
   35W Linear GaN on SiC Power Amplifier Die
RF3931 RFMD-RF3931_12 Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
logo
WOLFSPEED, INC.
WS1A2639 WOLFSPEED-WS1A2639 Datasheet
391Kb / 7P
   GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
WS1A3940 WOLFSPEED-WS1A3940 Datasheet
424Kb / 7P
   GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
WS1A3640 WOLFSPEED-WS1A3640 Datasheet
422Kb / 7P
   GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
logo
Cree, Inc
WSGPA01 CREE-WSGPA01 Datasheet
208Kb / 5P
   GaN on SiC General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com