Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF177 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MRF177
Description  N-CHANNEL BROADBAND RF POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF177 Datasheet(HTML) 1 Page - Tyco Electronics

  MRF177 Datasheet HTML 1Page - Tyco Electronics MRF177 Datasheet HTML 2Page - Tyco Electronics MRF177 Datasheet HTML 3Page - Tyco Electronics MRF177 Datasheet HTML 4Page - Tyco Electronics MRF177 Datasheet HTML 5Page - Tyco Electronics MRF177 Datasheet HTML 6Page - Tyco Electronics MRF177 Datasheet HTML 7Page - Tyco Electronics MRF177 Datasheet HTML 8Page - Tyco Electronics MRF177 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
The RF MOSFET Line
RF Power
Field Effect Transistors
N–Channel Enhancement Mode MOSFET
Designed for broadband commercial and military applications up to 400 MHz
frequency range. Primarily used as a driver or output amplifier in push–pull
configurations. Can be used in manual gain control, ALC and modulation
circuits.
• Typical Performance at 400 MHz, 28 V:
Output Power — 100 W
Gain — 12 dB
Efficiency — 60%
• Low Thermal Resistance
• Low Crss — 10 pF Typ @ VDS = 28 Volts
• Ruggedness Tested at Rated Output Power
• Nitride Passivated Die for Enhanced Reliability
• Excellent Thermal Stability; Suited for Class A
Operation
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
65
Vdc
Drain–Gate Voltage (RGS = 1.0 MΩ)
VDGR
65
Vdc
Gate–Source Voltage
VGS
±40
Vdc
Drain Current — Continuous
ID
16
Adc
Total Device Dissipation @ TC = 25°C (1)
Derate above 25
°C
PD
270
1.54
Watts
W/
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
Operating Temperature Range
TJ
200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction–to–Case
R
θJC
0.65
°C/W
(1) Total device dissipation rating applies only when the device is operated as an RF push–pull amplifier.
NOTE — CAUTION — MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
MRF177
100 W, 28 V, 400 MHz
N–CHANNEL
BROADBAND
RF POWER MOSFET
CASE 744A–01, STYLE 2
2
1, 4
3
6
5, 8
7
Order this document
by MRF177/D
SEMICONDUCTOR TECHNICAL DATA
1
REV 9


Similar Part No. - MRF177

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
   The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
   The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177_15 Datasheet
438Kb / 11P
   The RF MOSFET Line
More results

Similar Description - MRF177

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141 MACOM-MRF141 Datasheet
205Kb / 10P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173 MACOM-MRF173 Datasheet
147Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MOTOROLA-MRF151G Datasheet
156Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com