Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF177 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MRF177
Description  N-CHANNEL BROADBAND RF POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF177 Datasheet(HTML) 5 Page - Tyco Electronics

  MRF177 Datasheet HTML 1Page - Tyco Electronics MRF177 Datasheet HTML 2Page - Tyco Electronics MRF177 Datasheet HTML 3Page - Tyco Electronics MRF177 Datasheet HTML 4Page - Tyco Electronics MRF177 Datasheet HTML 5Page - Tyco Electronics MRF177 Datasheet HTML 6Page - Tyco Electronics MRF177 Datasheet HTML 7Page - Tyco Electronics MRF177 Datasheet HTML 8Page - Tyco Electronics MRF177 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
D1
R3
R2
R1
C13
RF
INPUT
C1
T1
C2
C3
C5
C6
C7
MS1
MS2
R4
MRF177
MS3
MS4
C8
C10
C11
T4
RF
OUTPUT
C18
C17
L1
FERRITE BEAD
FERRITE BEAD
FERRITE BEAD
L2
C16
MICROSTRIP DETAIL
0.325
0.15
0.45
0.10
MS1
0.45
0.15
0.325
0.10
MS2
0.325
0.15
0.10
0.45
MS3
MS4
0.10
0.325
0.15
0.45
Figure 8. Test Circuit Electrical Schematic
C12
++
R5
T2
D.U.T.
C9
T3
VDD = 28 V
+
C14
C15
+
+
C4
C1, C12
1–10 pF JOHANSON OR EQUIVALENT
C2, C3, C5, C6, C10, C11
270 pF ATC 100 MIL CHIP CAP
C4, C9
1–20 pF
C7
36 pF CHIP CAP
C8
10 pF CHIP CAP
C13, C14
0.1
µFD @ 50 Vdc
C15, C18
10
µFD @ 50 Vdc
C16
500 pF BUTTON
C17
1000 pF UNCASED MICA
D1
1N5347B, 20 Vdc
L1
1–TURN NO. 18, 0.25
″, 2–HOLE FERRITE BEAD
L2
8–1/2 TURNS NO. 18, CLOSE WOUND .375
″ DIA.
R1, R4, R5
10 k
Ω @ 1/2 W RESISTOR
R2
10 k
Ω, 10 TURN RESISTOR
R3
2.0 k
Ω @ 1/2 W RESISTOR
T1
1–1/2 T, 50
Ω COAX, .034″ DIA. ON DUAL 0.5″ FERRITE CORE
T2
2.0
″ 25 Ω COAX, .075″ DIA.
T3
2.1
″ 10 Ω COAX, .075″ DIA.
T4
4.0
″ 50 Ω COAX, .0865″ DIA.
BOARD
Dielectric Thickness = 0.060
″ 2oz Copper, Cu–Clad, Teflon Fiberglass, εr = 2.55
5
REV 9


Similar Part No. - MRF177

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
   The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177 Datasheet
438Kb / 11P
   The RF MOSFET Line 100W, 400MHz, 28V
MRF177 MA-COM-MRF177_15 Datasheet
438Kb / 11P
   The RF MOSFET Line
More results

Similar Description - MRF177

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141 MACOM-MRF141 Datasheet
205Kb / 10P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173 MACOM-MRF173 Datasheet
147Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF141G MOTOROLA-MRF141G Datasheet
143Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MOTOROLA-MRF151G Datasheet
156Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com