Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBB4089Z Datasheet(PDF) 4 Page - RF Micro Devices

Part # SBB4089Z
Description  50MHz to 6000MHz CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBB4089Z Datasheet(HTML) 4 Page - RF Micro Devices

  SBB4089Z Datasheet HTML 1Page - RF Micro Devices SBB4089Z Datasheet HTML 2Page - RF Micro Devices SBB4089Z Datasheet HTML 3Page - RF Micro Devices SBB4089Z Datasheet HTML 4Page - RF Micro Devices SBB4089Z Datasheet HTML 5Page - RF Micro Devices SBB4089Z Datasheet HTML 6Page - RF Micro Devices SBB4089Z Datasheet HTML 7Page - RF Micro Devices SBB4089Z Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 of 8
DS150622
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
SBB4089Z
0.5GHz to 3.5GHz Application Circuit S-Parameters over Temperature
S11 versus Frequency
-40
-35
-30
-25
-20
-15
-10
-5
0
0.00.5
1.01.5
2.02.5
3.03.5
4.0
Frequency (GHz)
-40°C
25°C
85°C
S21 versus Frequency
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
-40°C
25°C
85°C
S12 versus Frequency
-40
-35
-30
-25
-20
-15
-10
-5
0
0.00.5
1.01.5
2.02.5
3.03.5
4.0
Frequency (GHz)
-40°C
25°C
85°C
S22 versus Frequency
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
-40°C
25°C
85°C
ID versus Temperature
71
73
75
77
-40
-20
0
20406080
Temperature
Current versus Voltage Over Temp.
(App. Ckt.)
55
65
75
85
95
105
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Voltage (V)
-40°C
25°C
85°C


Similar Part No. - SBB4089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB4082S RFMD-SBB4082S Datasheet
744Kb / 5P
   InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
More results

Similar Description - SBB4089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-2000 RFMD-SBB-2000 Datasheet
204Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-1000 RFMD-SBB-1000 Datasheet
205Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB2089Z RFMD-SBB2089Z Datasheet
456Kb / 7P
   50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB3000 RFMD-SBB3000 Datasheet
352Kb / 5P
   50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
SBB3082S RFMD-SBB3082S Datasheet
706Kb / 5P
   InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB5082S RFMD-SBB5082S Datasheet
845Kb / 6P
   InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB3089Z RFMD-SBB3089Z Datasheet
387Kb / 5P
   50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
SBB4082S RFMD-SBB4082S Datasheet
744Kb / 5P
   InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB-3089Z RFMD-SBB-3089Z Datasheet
252Kb / 6P
   50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com