Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBB4089Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SBB4089Z
Description  50MHz to 6000MHz CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBB4089Z Datasheet(HTML) 1 Page - RF Micro Devices

  SBB4089Z Datasheet HTML 1Page - RF Micro Devices SBB4089Z Datasheet HTML 2Page - RF Micro Devices SBB4089Z Datasheet HTML 3Page - RF Micro Devices SBB4089Z Datasheet HTML 4Page - RF Micro Devices SBB4089Z Datasheet HTML 5Page - RF Micro Devices SBB4089Z Datasheet HTML 6Page - RF Micro Devices SBB4089Z Datasheet HTML 7Page - RF Micro Devices SBB4089Z Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
1 of 8
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
RF MEMS
SBB4089Z
50MHz to 6000MHz CASCADABLE
ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
RFMD’s SBB4089Z is a high performance InGaP HBT MMIC amplifier uti-
lizing a Darlington configuration with an active bias network. The active
bias network provides stable current over temperature and process Beta
variations. Designed to run directly from a 5V supply, the SBB4089Z does
not require a dropping resistor as compared to typical Darlington amplifi-
ers. The SBB4089Z product is designed for high linearity 5V gain block
applications that require small size and minimal external components. It is
internally matched to 50
s.
Gain and Return Loss versus Frequency
(w/ BiasTees)
-40
-30
-20
-10
0
10
20
0
1
234
56
Frequency (GHz)
25°C
25°C
25°C
S22
S21
S11
OIP3=35.2dBm at 1950MHz
P1dB=19.3dBm at 1950MHz
Single Fixed 5V Supply
Robust 1000V ESD, Class 1C
Patented Thermal Design &
Bias Circuit
Low Thermal Resistance
Applications
PA Driver Amplifier
Cellular, PCS, GSM, UMTS
Wideband Instrumentation
Wireless Data, Satellite Termi-
nals
DS150622
Package: SOT-89
SBB4089Z
50MHz to
6000MHz
Cascadable
Active Bias
InGaP HBT
MMIC Ampli-
fier
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
14.0
15.5
17.0
dB
850MHz
13.8
15.0
17.0
dB
1950MHz
13.5
15.5
17.5
dB
2000MHz
Output Power at 1dB Compression
19.0
dBm
850MHz
18.0
19.2
dBm
1950MHz
Output Third Order Intercept Point
39.0
dBm
850MHz
33.0
35.3
dBm
1950MHz
Return Loss
4500
MHz
Minimum 10dB
Input Return Loss
10.0
16.3
dB
1950MHz
Output Return Loss
10.0
18.0
dB
1950MHz
Reverse Isolation
18.5
dB
1950MHz
Noise Figure
4.3
5.5
dB
1950MHz
Operating Temp Range (TL)
-40
+105
°C
Device Operating Voltage
5.0
5.25
V
Device Operating Current
70.0
80.0
92.0
mA
Thermal Resistance
69.9
°C/W
junction - lead
Test Conditions: VD=5V ID=80mA Typ. OIP3 Tone Spacing=1MHz, POUT per tone=0dBm TL=25°C, ZS=ZL=50, Tested with Bias Tees


Similar Part No. - SBB4089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB4082S RFMD-SBB4082S Datasheet
744Kb / 5P
   InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
More results

Similar Description - SBB4089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-2000 RFMD-SBB-2000 Datasheet
204Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-1000 RFMD-SBB-1000 Datasheet
205Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB2089Z RFMD-SBB2089Z Datasheet
456Kb / 7P
   50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB3000 RFMD-SBB3000 Datasheet
352Kb / 5P
   50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
SBB3082S RFMD-SBB3082S Datasheet
706Kb / 5P
   InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB5082S RFMD-SBB5082S Datasheet
845Kb / 6P
   InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB3089Z RFMD-SBB3089Z Datasheet
387Kb / 5P
   50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
SBB4082S RFMD-SBB4082S Datasheet
744Kb / 5P
   InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB-3089Z RFMD-SBB-3089Z Datasheet
252Kb / 6P
   50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com