Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF275G Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF275G
Description  N-CHANNEL MOS BROADBAND 100 . 500 MHz RF POWER FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF275G Datasheet(HTML) 3 Page - Tyco Electronics

  MRF275G Datasheet HTML 1Page - Tyco Electronics MRF275G Datasheet HTML 2Page - Tyco Electronics MRF275G Datasheet HTML 3Page - Tyco Electronics MRF275G Datasheet HTML 4Page - Tyco Electronics MRF275G Datasheet HTML 5Page - Tyco Electronics MRF275G Datasheet HTML 6Page - Tyco Electronics MRF275G Datasheet HTML 7Page - Tyco Electronics MRF275G Datasheet HTML 8Page - Tyco Electronics MRF275G Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Figure 1. 500 MHz Test Circuit
B1
Balun, 50
Ω, 0.086″ O.D. 2″ Long, Semi Rigid Coax
B2
Balun, 50
Ω, Coax 0.141″ O.D. 2″ Long, Semi Rigid
C1, C2, C3, C4,
C10, C11, C12, C13
270 pF, ATC Chip Capacitor
C5, C8
1.0 – 20 pF, Trimmer Capacitor, Johanson
C6
22 pF, Mini–Unelco Capacitor
C7
15 pF, Unelco Capacitor
C9
2.1 pF, ATC Chip Capacitor
C14, C15, C16,
C20, C21, C22
0.1
µF, Ceramic Capacitor
C17, C18
680 pF, Feedthru Capacitor
C19
10
µF, 50 V, Electrolytic Capacitor, Tantalum
L1, L2
10 Turns AWG #24,
0.145
″ O.D., 106 nH
Taylor–Spring Inductor
L3, L4
10 Turns AWG #18,
0.340
″ I.D., Enameled Wire
L5
Ferroxcube VK200 20/4B
L6
4 Turns #16, 0.340
″ I.D.,
Enameled Wire
R1
1.0 k
Ω,1/4 W Resistor
W1 – W4
20 x 200 x 250 mils, Wear Pads,
Beryllium–Copper, (See
Component Location Diagram)
Z1, Z2
1.10
″ x 0.245″, Microstrip Line
Z3, Z4, Z5, Z6
0.300
″ x 0.245″, Microstrip Line
Z7, Z8
1.00
″ x 0.245″, Microstrip Line
Board material
0.060
″ Teflon–fiberglass,
εr = 2.55, copper clad both sides, 2 oz. copper.
Points A are connected together on PCB.
Points B are connected together on PCB.
+VGG
C14
R1
C16
C17
C18
L5
L6
C19
+28 V
B1
C5
C6
C7
C8
B2
L4
C20
C21
B
A
Z4
Z3
Z7
Z5
Z8
Z6
B
D.U.T.
L3
C1
C10
L1
A
C15
+
C22
C2
C4
C3
Z2
Z1
L2
C13
C11
C12
C9
3
REV 1


Similar Part No. - MRF275G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF275G MOTOROLA-MRF275G Datasheet
226Kb / 12P
   150 W, 28 V, 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET
logo
M/A-COM Technology Solu...
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
   The RF MOSFET Line 150W, 500MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
   The RF MOSFET Line 150W, 500MHz, 28V
MRF275G MA-COM-MRF275G_15 Datasheet
639Kb / 19P
   The RF MOSFET Line
MRF275G MA-COM-MRF275G_17 Datasheet
1Mb / 20P
   The RF MOSFET Line 150W, 500MHz, 28V
More results

Similar Description - MRF275G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF275G MOTOROLA-MRF275G Datasheet
226Kb / 12P
   150 W, 28 V, 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET
MRF137 MOTOROLA-MRF137 Datasheet
196Kb / 10P
   N-CHANNEL MOS BROADBAND RF POWER FET
MRF174 MOTOROLA-MRF174 Datasheet
168Kb / 10P
   N-CHANNEL MOS BROADBAND RF POWER FET
logo
Tyco Electronics
MRF136 MACOM-MRF136 Datasheet
340Kb / 11P
   N-CHANNEL MOS BROADBAND RF POWER FET
MRF174 MACOM-MRF174 Datasheet
177Kb / 9P
   N-CHANNEL MOS BROADBAND RF POWER FET
MRF136Y MACOM-MRF136Y Datasheet
221Kb / 9P
   N-CHANNEL MOS BROADBAND RF POWER FET
logo
Motorola, Inc
MRF134 MOTOROLA-MRF134 Datasheet
205Kb / 10P
   N-CHANNEL MOS BROADBAND RF POWER FET
logo
Tyco Electronics
MRF137 MACOM-MRF137 Datasheet
213Kb / 9P
   N-CHANNEL MOS BROADBAND RF POWER FET
logo
Motorola, Inc
MRF5007 MOTOROLA-MRF5007 Datasheet
161Kb / 10P
   N-CHANNEL BROADBAND RF POWER FET
logo
Tyco Electronics
MRF275L MACOM-MRF275L Datasheet
312Kb / 13P
   N-CHANNEL BROADBAND RF POWER FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com