Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJL5190K-F Datasheet(PDF) 5 Page - New Japan Radio

Part # NJL5190K-F
Description  GENERAL PURPOSE PHOTO REFLECTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJL5190K-F Datasheet(HTML) 5 Page - New Japan Radio

  NJL5190K-F Datasheet HTML 1Page - New Japan Radio NJL5190K-F Datasheet HTML 2Page - New Japan Radio NJL5190K-F Datasheet HTML 3Page - New Japan Radio NJL5190K-F Datasheet HTML 4Page - New Japan Radio NJL5190K-F Datasheet HTML 5Page - New Japan Radio NJL5190K-F Datasheet HTML 6Page - New Japan Radio NJL5190K-F Datasheet HTML 7Page - New Japan Radio NJL5190K-F Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NJL5190K/92K
- 5 -
01
2
Forward Voltage VF (V)
1
10
100
-40 -20
0
20
40
60
80 100
Ambient Temperature Ta (ºC)
0.8
1
1.2
1.4
1.6
IF=30mA
IF=4mA
-40
-20
0
20
40
60
80
100
Ambient Temperature Ta (ºC)
0.001
0.01
0.1
1
10
100
1000
10000
Vce=10V
-40
-20
0
20
40
60
80
100
Ambient Temperature Ta (ºC)
0.1
1
10
100
1000
IF=4mA,Vce=2V
-40
-20
0
20
40
60
80
100
Ambient Temperature Ta (ºC)
0
20
40
60
80
100
120
IF=4mA,VCE=2V
02
46
8
10
Forward Current IF (mA)
0
50
100
150
200
250
300
Vce=2V,d=0.7mm
s TYPICAL CHARACTERISTICS
Forward Current vs. Forward Voltage
Forward Voltage vs. Temperature
Dark Current vs. Temperature
Operating Dark Current vs. Temperature
Output Current vs. Forward Current (Ta=25
°C)
Output Current vs. Temperature


Similar Part No. - NJL5190K-F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJL5191K NJRC-NJL5191K Datasheet
322Kb / 8P
   GENERAL PURPOSE PHOTO REFLECTOR?
NJL5191K-F1 NJRC-NJL5191K-F1 Datasheet
322Kb / 8P
   GENERAL PURPOSE PHOTO REFLECTOR?
NJL5191K-F10 NJRC-NJL5191K-F10 Datasheet
322Kb / 8P
   GENERAL PURPOSE PHOTO REFLECTOR?
NJL5191K-F2 NJRC-NJL5191K-F2 Datasheet
322Kb / 8P
   GENERAL PURPOSE PHOTO REFLECTOR?
NJL5191K-F3 NJRC-NJL5191K-F3 Datasheet
322Kb / 8P
   GENERAL PURPOSE PHOTO REFLECTOR?
More results

Similar Description - NJL5190K-F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJL5194K NJRC-NJL5194K Datasheet
305Kb / 8P
   GENERAL PURPOSE PHOTO REFLECTOR?
NJL5196K NJRC-NJL5196K Datasheet
382Kb / 10P
   GENERAL PURPOSE PHOTO REFLECTOR?
NJL5198K NJRC-NJL5198K Datasheet
289Kb / 8P
   GENERAL PURPOSE PHOTO REFLECTOR?
NJL5191K NJRC-NJL5191K Datasheet
322Kb / 8P
   GENERAL PURPOSE PHOTO REFLECTOR?
logo
Marktech Corporate
MTRS1060 MARKTECH-MTRS1060 Datasheet
100Kb / 2P
   Photo Reflector
logo
New Japan Radio
NJL5175K NJRC-NJL5175K Datasheet
262Kb / 8P
   PHOTO REFLECTOR?
NJL5181K NJRC-NJL5181K Datasheet
317Kb / 10P
   PHOTO REFLECTOR?
logo
Marktech Corporate
MTRS6140T MARKTECH-MTRS6140T Datasheet
50Kb / 2P
   Photo Reflector
MTRS5750 MARKTECH-MTRS5750 Datasheet
53Kb / 2P
   Photo Reflector
MTRS6140 MARKTECH-MTRS6140 Datasheet
52Kb / 2P
   Photo Reflector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com