Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF275 Datasheet(PDF) 8 Page - Tyco Electronics

Part # MRF275
Description  N-CHANNEL MOS BROADBAND 100 . 500 MHz RF POWER FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF275 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button MRF275 Datasheet HTML 4Page - Tyco Electronics MRF275 Datasheet HTML 5Page - Tyco Electronics MRF275 Datasheet HTML 6Page - Tyco Electronics MRF275 Datasheet HTML 7Page - Tyco Electronics MRF275 Datasheet HTML 8Page - Tyco Electronics MRF275 Datasheet HTML 9Page - Tyco Electronics MRF275 Datasheet HTML 10Page - Tyco Electronics MRF275 Datasheet HTML 11Page - Tyco Electronics MRF275 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Figure 13. 225 MHz Test Circuit
C1
8.0 – 60 pF, Arco 404
C2, C3, C7, C8
1000 pF, Chip Capacitor
C4, C9
0.1
µF, Chip Capacitor
C5
180 pF, Chip Capacitor
C6
100 pF and 130 pF,
Chips in Parallel
C10
0.47
µF, Chip Capacitor, 1215 or
Equivalent, Kemet
L1
10 Turns AWG #16, 1/4
″ I.D.,
Enamel Wire, Close Wound
L2
Ferrite Beads of Suitable Material
for 1.5 – 2.0
µH Total Inductance
Board material
062
″ fiberglass (G10),
εr ^ 5, Two sided, 1 oz. Copper.
Unless otherwise noted, all chip capacitors
are ATC Type 100 or Equivalent.
R1
100
Ω, 1/2 W
R2
1.0 k
Ω, 1/2 W
T1
4:1 Impedance Ratio, RF Transformer
Can Be Made of 25
Ω, Semi Rigid Coax,
47 – 52 Mils O.D.
T2
1:9 Impedance Ratio, RF Transformer.
Can Be Made of 15 – 18
Ω, Semi Rigid
Coax, 62 – 90 Mils O.D.
NOTE: For stability, the input transformer T1 should be loaded
NOTE: with ferrite toroids or beads to increase the common
NOTE: mode inductance. For operation below 100 MHz. The
NOTE: same is required for the output transformer.
BIAS 0 – 6 V
R1
C3
C4
R2
C1
C2
T1
C5
D.U.T.
C6
T2
C7
L1
C8
C9
L2
C10
+
28 V
8
REV 1


Similar Part No. - MRF275

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF275 MOTOROLA-MRF275 Datasheet
226Kb / 12P
   150 W, 28 V, 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET
logo
Tyco Electronics
MRF275 MACOM-MRF275 Datasheet
312Kb / 13P
   N-CHANNEL BROADBAND RF POWER FET
logo
Motorola, Inc
MRF275G MOTOROLA-MRF275G Datasheet
226Kb / 12P
   150 W, 28 V, 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET
logo
M/A-COM Technology Solu...
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
   The RF MOSFET Line 150W, 500MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
   The RF MOSFET Line 150W, 500MHz, 28V
More results

Similar Description - MRF275

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF275G MOTOROLA-MRF275G Datasheet
226Kb / 12P
   150 W, 28 V, 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET
MRF137 MOTOROLA-MRF137 Datasheet
196Kb / 10P
   N-CHANNEL MOS BROADBAND RF POWER FET
MRF174 MOTOROLA-MRF174 Datasheet
168Kb / 10P
   N-CHANNEL MOS BROADBAND RF POWER FET
logo
Tyco Electronics
MRF136 MACOM-MRF136 Datasheet
340Kb / 11P
   N-CHANNEL MOS BROADBAND RF POWER FET
MRF174 MACOM-MRF174 Datasheet
177Kb / 9P
   N-CHANNEL MOS BROADBAND RF POWER FET
MRF136Y MACOM-MRF136Y Datasheet
221Kb / 9P
   N-CHANNEL MOS BROADBAND RF POWER FET
logo
Motorola, Inc
MRF134 MOTOROLA-MRF134 Datasheet
205Kb / 10P
   N-CHANNEL MOS BROADBAND RF POWER FET
logo
Tyco Electronics
MRF137 MACOM-MRF137 Datasheet
213Kb / 9P
   N-CHANNEL MOS BROADBAND RF POWER FET
logo
Motorola, Inc
MRF5007 MOTOROLA-MRF5007 Datasheet
161Kb / 10P
   N-CHANNEL BROADBAND RF POWER FET
logo
Tyco Electronics
MRF275L MACOM-MRF275L Datasheet
312Kb / 13P
   N-CHANNEL BROADBAND RF POWER FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com