Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGTB40N120FLWG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NGTB40N120FLWG
Description  IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB40N120FLWG Datasheet(HTML) 4 Page - ON Semiconductor

  NGTB40N120FLWG Datasheet HTML 1Page - ON Semiconductor NGTB40N120FLWG Datasheet HTML 2Page - ON Semiconductor NGTB40N120FLWG Datasheet HTML 3Page - ON Semiconductor NGTB40N120FLWG Datasheet HTML 4Page - ON Semiconductor NGTB40N120FLWG Datasheet HTML 5Page - ON Semiconductor NGTB40N120FLWG Datasheet HTML 6Page - ON Semiconductor NGTB40N120FLWG Datasheet HTML 7Page - ON Semiconductor NGTB40N120FLWG Datasheet HTML 8Page - ON Semiconductor NGTB40N120FLWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NGTB40N120FLWG
http://onsemi.com
4
TYPICAL CHARACTERISTICS
5
4
3
2
1
08
7
6
Figure 1. Output Characteristics
Figure 2. Output Characteristics
VCE, COLLECTOR−EMITTER VOLTAGE (V)
VCE, COLLECTOR−EMITTER VOLTAGE (V)
5
4
3
2
1
0
400
Figure 3. Output Characteristics
Figure 4. Typical Transfer Characteristics
VCE, COLLECTOR−EMITTER VOLTAGE (V)
VGE, GATE−EMITTER VOLTAGE (V)
12
4
0
250
Figure 5. VCE(sat) vs. TJ
TJ, JUNCTION TEMPERATURE (°C)
−50
VGE = 20 to 13 V
TJ = 25°C
11 V
9 V
8 V
7 V
300
VGE = 20 to 13 V
TJ = 150°C
11 V
8 V
7 V
300
VGE = 20 to 13 V
TJ = −40°C
9 V
8 V
TJ = 25°C
TJ = 150°C
10 V
7 V
IC = 80 A
9 V
8
3.5
350
300
250
200
150
100
50
0
10 V
8
7
6
250
200
150
100
50
0
10 V
11 V
5
4
3
2
1
08
7
6
250
200
150
100
50
0
200
150
100
50
0
16
3.0
2.5
2.0
1.5
1.0
0.5
0.0
−20
10
40
160
130
100
70
IC = 40 A
IC = 10 A
IC = 5 A
Figure 6. Typical Capacitance
VCE, COLLECTOR−EMITTER VOLTAGE (V)
100
60
0
10
100
1000
10000
20
40
80
100000
120 140 160 180 200
Cies
Coes
Cres


Similar Part No. - NGTB40N120FLWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB40N120FL2WAG ONSEMI-NGTB40N120FL2WAG Datasheet
158Kb / 10P
   IGBT - Field Stop II / 4 Lead
May, 2016 ??Rev. 0
NGTB40N120FL2WG ONSEMI-NGTB40N120FL2WG Datasheet
151Kb / 10P
   IGBT - Field Stop II
April, 2015 ??Rev. 6
NGTB40N120FL3WG ONSEMI-NGTB40N120FL3WG Datasheet
159Kb / 11P
   IGBT - Ultra Field Stop
May, 2016 ??Rev. 1
More results

Similar Description - NGTB40N120FLWG

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
logo
Infineon Technologies A...
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11 Datasheet
422Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision: 2.0
logo
eupec GmbH
FZ1200R33KF2C EUPEC-FZ1200R33KF2C Datasheet
253Kb / 7P
   IGBT-Wechselrichter / IGBT-inverter
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
DF100R07W1H5FP_B54 INFINEON-DF100R07W1H5FP_B54 Datasheet
705Kb / 11P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com