Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGTB40N120IHLWG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NGTB40N120IHLWG
Description  IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB40N120IHLWG Datasheet(HTML) 6 Page - ON Semiconductor

  NGTB40N120IHLWG Datasheet HTML 1Page - ON Semiconductor NGTB40N120IHLWG Datasheet HTML 2Page - ON Semiconductor NGTB40N120IHLWG Datasheet HTML 3Page - ON Semiconductor NGTB40N120IHLWG Datasheet HTML 4Page - ON Semiconductor NGTB40N120IHLWG Datasheet HTML 5Page - ON Semiconductor NGTB40N120IHLWG Datasheet HTML 6Page - ON Semiconductor NGTB40N120IHLWG Datasheet HTML 7Page - ON Semiconductor NGTB40N120IHLWG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NGTB40N120IHLWG
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 18. IGBT Transient Thermal Impedance
PULSE TIME (sec)
Figure 19. Diode Transient Thermal Impedance
PULSE TIME (sec)
50% Duty Cycle
20%
10%
5%
2%
1%
Single Pulse
50% Duty Cycle
20%
10%
5%
2%
1%
Single Pulse
0.001
0.01
0.1
1
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
RqJC = 0.48
0.001
0.01
0.1
1
10
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
100
RqJC = 1.5
Junction
Case
C1
C2
R1
R2
Rn
Ci = ti/Ri
Duty Factor = t1/t2
Peak TJ = PDM x ZqJC + TC
Cn
ti (sec)
1.0E−4
1.76E−4
0.002
0.03
0.1
2.0
Ri (°C/W)
0.01616
0.04030
0.060
0.090
0.176
0.093
Junction
Case
C1
C2
R1
R2
Rn
Ci = ti/Ri
Duty Factor = t1/t2
Peak TJ = PDM x ZqJC + TC
Cn
ti (sec)
1.48E−4
0.002
0.03
0.1
2.0
Ri (°C/W)
0.19655
0.414
0.5
0.345
0.0934
Figure 20. Test Circuit for Switching Characteristics


Similar Part No. - NGTB40N120IHLWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB40N120IHRWG ONSEMI-NGTB40N120IHRWG Datasheet
182Kb / 10P
   IGBT with Monolithic Free Wheeling Diode
January, 2014 ??Rev. 1
More results

Similar Description - NGTB40N120IHLWG

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
logo
Infineon Technologies A...
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11 Datasheet
422Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision: 2.0
logo
eupec GmbH
FZ1200R33KF2C EUPEC-FZ1200R33KF2C Datasheet
253Kb / 7P
   IGBT-Wechselrichter / IGBT-inverter
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
DF100R07W1H5FP_B54 INFINEON-DF100R07W1H5FP_B54 Datasheet
705Kb / 11P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com