Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSV4T244 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLSV4T244
Description  4-Bit Dual-Supply Non-Inverting Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSV4T244 Datasheet(HTML) 3 Page - ON Semiconductor

  NLSV4T244 Datasheet HTML 1Page - ON Semiconductor NLSV4T244 Datasheet HTML 2Page - ON Semiconductor NLSV4T244 Datasheet HTML 3Page - ON Semiconductor NLSV4T244 Datasheet HTML 4Page - ON Semiconductor NLSV4T244 Datasheet HTML 5Page - ON Semiconductor NLSV4T244 Datasheet HTML 6Page - ON Semiconductor NLSV4T244 Datasheet HTML 7Page - ON Semiconductor NLSV4T244 Datasheet HTML 8Page - ON Semiconductor NLSV4T244 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NLSV4T244
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Rating
Value
Condition
Unit
VCCA, VCCB
DC Supply Voltage
−0.5 to +5.5
V
VI
DC Input Voltage
An
−0.5 to +5.5
V
VC
Control Input
OE
−0.5 to +5.5
V
VO
DC Output Voltage
(Power Down) Bn
−0.5 to +5.5
VCCA = VCCB = 0
V
(Active Mode) Bn
−0.5 to +5.5
V
(Tri−State Mode) Bn
−0.5 to +5.5
V
IIK
DC Input Diode Current
−20
VI < GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
IO
DC Output Source/Sink Current
±50
mA
ICCA, ICCB
DC Supply Current Per Supply Pin
±100
mA
IGND
DC Ground Current per Ground Pin
±100
mA
TSTG
Storage Temperature
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCCA, VCCB
Positive DC Supply Voltage
0.9
4.5
V
VI
Bus Input Voltage
GND
4.5
V
VC
Control Input
OE
GND
4.5
V
VIO
Bus Output Voltage
(Power Down Mode)
Bn
GND
4.5
V
(Active Mode)
Bn
GND
VCCB
V
(Tri−State Mode)
Bn
GND
4.5
V
TA
Operating Temperature Range
−40
+85
°C
Dt / DV
Input Transition Rise or Rate
VI, from 30% to 70% of VCC; VCC = 3.3 V ±0.3 V
0
10
nS


Similar Part No. - NLSV4T244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV4T244 ONSEMI-NLSV4T244 Datasheet
107Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
October, 2015 ??Rev. 6
NLSV4T244DR2G ONSEMI-NLSV4T244DR2G Datasheet
148Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 4
NLSV4T244DR2G ONSEMI-NLSV4T244DR2G Datasheet
107Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
October, 2015 ??Rev. 6
NLSV4T244DTR2G ONSEMI-NLSV4T244DTR2G Datasheet
148Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 4
NLSV4T244DTR2G ONSEMI-NLSV4T244DTR2G Datasheet
107Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
October, 2015 ??Rev. 6
More results

Similar Description - NLSV4T244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV4T244 ONSEMI-NLSV4T244_15 Datasheet
107Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
October, 2015 ??Rev. 6
NLSV4T3144 ONSEMI-NLSV4T3144_15 Datasheet
83Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
June, 2015 ??Rev. 1
NLSV4T244 ONSEMI-NLSV4T244_12 Datasheet
148Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 4
NLSV4T244E ONSEMI-NLSV4T244E Datasheet
150Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
June, 2011 ??Rev. 1
NLSV4T3144 ONSEMI-NLSV4T3144 Datasheet
123Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
March, 2013 ??Rev. 0
SLSV4T244 ONSEMI-SLSV4T244 Datasheet
81Kb / 8P
   4-Bit Dual-Supply Non-Inverting Level Translator
March, 2015 ??Rev. 0
NLSV8T244 ONSEMI-NLSV8T244 Datasheet
171Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
NLSV1T244 ONSEMI-NLSV1T244 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Non-Inverting Level Translator
November, 2007 - Rev. 1
NLSV2T244 ONSEMI-NLSV2T244_12 Datasheet
144Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV8T244 ONSEMI-NLSV8T244_12 Datasheet
150Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
February, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com