Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP3A16G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMP3A16G
Description  ZXMP3A16G_15
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP3A16G Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMP3A16G_15 Datasheet HTML 1Page - Diodes Incorporated ZXMP3A16G_15 Datasheet HTML 2Page - Diodes Incorporated ZXMP3A16G_15 Datasheet HTML 3Page - Diodes Incorporated ZXMP3A16G_15 Datasheet HTML 4Page - Diodes Incorporated ZXMP3A16G_15 Datasheet HTML 5Page - Diodes Incorporated ZXMP3A16G_15 Datasheet HTML 6Page - Diodes Incorporated ZXMP3A16G_15 Datasheet HTML 7Page - Diodes Incorporated ZXMP3A16G_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ZXMP3A16G
Document Number DS33575 Rev. 6 - 2
1 of 8
www.diodes.com
March 2015
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXMP3A16G
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on) max
ID max
TA = +25°C
(Note 6)
-30V
45m
@ VGS = -10V
-7.5A
70m
@ VGS = -4.5V
-5.9A
Description and Applications
This MOSFET is designed to minimize the on-state resistance and yet
maintain superior switching performance, making it ideal for high-
efficiency power management applications.
Motor Control
DC-DC Converters
Power Management Functions
Relay and Solenoid Driving
Features and Benefits
Low On-Resistance
Fast Switching Speed
Low Threshold
Low Gate Drive
Lead Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT223
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.112 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXMP3A16GTA
ZXMP3A16
7
12
1,000
ZXMP3A16GTC
ZXMP3A16
13
12
4,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Diodes, Inc. defines “Green” products as those which are RoHS compliant and contain no halogens or antimony compounds. All applicable RoHS
exemptions applied. Further information about Diodes Inc.’s “Green” Policy can be found on our website.
Marking Information
Equivalent Circuit
D
S
G
Top View
SOT223
Pin Out - Top View
ZXMP3A16 = Product Type Marking Code
YWW = Date Code Marking
Y or Y = Last Digit of Year (ex: 5= 2015)
WW or WW = Week Code (01~53)
SOT223
4310
ZVN
ZXMP
3A16
Green


Similar Part No. - ZXMP3A16G_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP3A16GTA ZETEX-ZXMP3A16GTA Datasheet
132Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP3A16GTA ZETEX-ZXMP3A16GTA Datasheet
152Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16GTA DIODES-ZXMP3A16GTA Datasheet
168Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMP3A16GTA VBSEMI-ZXMP3A16GTA Datasheet
1,005Kb / 8P
   P-Channel 35 V (D-S) MOSFET
logo
Zetex Semiconductors
ZXMP3A16GTC ZETEX-ZXMP3A16GTC Datasheet
132Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com