Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBW-5089-Z Datasheet(PDF) 5 Page - RF Micro Devices

Part # SBW-5089-Z
Description  DCto8GHz CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBW-5089-Z Datasheet(HTML) 5 Page - RF Micro Devices

  SBW-5089-Z Datasheet HTML 1Page - RF Micro Devices SBW-5089-Z Datasheet HTML 2Page - RF Micro Devices SBW-5089-Z Datasheet HTML 3Page - RF Micro Devices SBW-5089-Z Datasheet HTML 4Page - RF Micro Devices SBW-5089-Z Datasheet HTML 5Page - RF Micro Devices SBW-5089-Z Datasheet HTML 6Page - RF Micro Devices SBW-5089-Z Datasheet HTML 7Page - RF Micro Devices SBW-5089-Z Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5 of 8
DS091130
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SBW-5089(Z)
Application Circuit Schematic
Application Circuit Layout
Application Circuit Element Values
Recommended Bias Resistance for ID=80mA
Reference Designator
100MHz
500MHz
850MHz
1950MHz 2400MHz 3500MHz
CB
1000pF
220pF
100pF
68pF
56pF
39pF
CD
100pF
100pF
68pF
22pF
22pF
15pF
LC
470nH
68 nH
33nH
22nH
18nH
15nH
Supply Voltage (VS) (Volts)
<7
7
7.5
8
9
10
12
Bias Resistance* (
)
N/R
26
33
39
52
64
89
RF in
RF out
1 uF
C
B
C
B
C
D
V
S
R
BIAS
L
C
1
2
3
4
1000
pF
SW-5089
R
LD C
Bias
Inductor
V
D
I
D


Similar Part No. - SBW-5089-Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SBW-5089 SIRENZA-SBW-5089 Datasheet
463Kb / 7P
   DC-8 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBW-5089 SIRENZA-SBW-5089 Datasheet
988Kb / 6P
   Product Description InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBW-5089 RFMD-SBW-5089 Datasheet
657Kb / 7P
   MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SBW-5089Z SIRENZA-SBW-5089Z Datasheet
988Kb / 6P
   Product Description InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBW-5089Z RFMD-SBW-5089Z Datasheet
657Kb / 7P
   MMIC AMPLIFIER
More results

Similar Description - SBW-5089-Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBA4086Z RFMD-SBA4086Z Datasheet
596Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBA5086Z RFMD-SBA5086Z Datasheet
550Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBA5089Z RFMD-SBA5089Z Datasheet
493Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBA4089Z RFMD-SBA4089Z Datasheet
496Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
NGA-489 ETC-NGA-489 Datasheet
295Kb / 4P
   InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBF5089Z RFMD-SBF5089Z Datasheet
743Kb / 8P
   DC to 500MHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SBF-4089 SIRENZA-SBF-4089 Datasheet
230Kb / 5P
   DC-500 MHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
   DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-5089 ETC-SBA-5089 Datasheet
681Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-5089 SIRENZA-SBA-5089 Datasheet
309Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com