Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP6A18DN8 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMP6A18DN8
Description  DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A18DN8 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMP6A18DN8_15 Datasheet HTML 1Page - Diodes Incorporated ZXMP6A18DN8_15 Datasheet HTML 2Page - Diodes Incorporated ZXMP6A18DN8_15 Datasheet HTML 3Page - Diodes Incorporated ZXMP6A18DN8_15 Datasheet HTML 4Page - Diodes Incorporated ZXMP6A18DN8_15 Datasheet HTML 5Page - Diodes Incorporated ZXMP6A18DN8_15 Datasheet HTML 6Page - Diodes Incorporated ZXMP6A18DN8_15 Datasheet HTML 7Page - Diodes Incorporated ZXMP6A18DN8_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXMP6A18DN8
Document Number DS33592 Rev 3 - 2
4 of 8
www.diodes.com
December 2014
© Diodes Incorporated
ZXMP6A18DN8
Electrical Characteristics (@TA= +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
-60
V
ID = -250µA, VGS = 0V
Zero Gate Voltage Drain Current
IDSS
-1
µA
VDS = -60V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
-1
V
ID = -250µA, VDS = VGS
Static Drain-Source On-Resistance (Note 12)
RDS(ON)
0.055
VGS = -10V, ID = -3.5A
0.08
VGS = -4.5V, ID = -2.9A
Forward Transconductance (Notes 12 & 14)
gfs
8.7
S
VDS = -15V, ID = -3.5A
Diode Forward Voltage (Note 12)
VSD
-0.85
-0.95
V
IS = -4.2A, VGS = 0V, TJ = +25°C
Reverse Recovery Time (Note 14)
trr
37
ns
IF = -2.1A, di/dt = 100A/µs, TJ = +25°C
Reverse Recovery Charge (Note 14)
Qrr
56
nC
DYNAMIC CHARACTERISTICS
(Note 14)
Input Capacitance
Ciss
1580
pF
VDS = -30V, VGS = 0V
f = 1MHz
Output Capacitance
Coss
160
pF
Reverse Transfer Capacitance
Crss
140
pF
Total Gate Charge (Note 13)
Qg
23
nC
VGS = -5V
VDS = -30V
ID = -3.5A
Total Gate Charge (Note 13)
Qg
44
nC
VGS = -10V
Gate-Source Charge (Note 13)
Qgs
3.9
nC
Gate-Drain Charge (Note 13)
Qgd
9.8
nC
Turn-On Delay Time (Note 13)
tD(on)
4.6
ns
VDD = -30V, VGS = -10V
ID = -1A, RG ≅ 6.0Ω
Turn-On Rise Time (Note 13)
tr
5.8
ns
Turn-Off Delay Time (Note 13)
tD(off)
55
ns
Turn-Off Fall Time (Note 13)
tf
23
ns
Notes:
12. Measured under pulsed conditions. Pulse width
≤ 300µs; duty cycle ≤ 2%.
13. Switching characteristics are independent of operating junction temperatures.
14. For design aid only, not subject to production testing.


Similar Part No. - ZXMP6A18DN8_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP6A18DN8TA ZETEX-ZXMP6A18DN8TA Datasheet
180Kb / 7P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP6A18DN8TA DIODES-ZXMP6A18DN8TA Datasheet
189Kb / 7P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMP6A18DN8TA VBSEMI-ZXMP6A18DN8TA Datasheet
1Mb / 9P
   Dual P-Channel 6 0-V (D-S) MOSFET
logo
Zetex Semiconductors
ZXMP6A18DN8TC ZETEX-ZXMP6A18DN8TC Datasheet
180Kb / 7P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP6A18DN8TC DIODES-ZXMP6A18DN8TC Datasheet
189Kb / 7P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMP6A18DN8_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP6A17DN8 ZETEX-ZXMP6A17DN8 Datasheet
186Kb / 7P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP6A17DN8 DIODES-ZXMP6A17DN8_15 Datasheet
224Kb / 8P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
ZXMP6A18DN8 DIODES-ZXMP6A18DN8 Datasheet
189Kb / 7P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
DMP6050SSD DIODES-DMP6050SSD_15 Datasheet
410Kb / 6P
   60V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9835A PANJIT-PJL9835A Datasheet
379Kb / 7P
   60V Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6050SSD DIODES-DMP6050SSD Datasheet
410Kb / 6P
   60V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A16DN8Q DIODES-ZXMP6A16DN8Q Datasheet
237Kb / 8P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
ZXMP6A16DN8 DIODES-ZXMP6A16DN8 Datasheet
193Kb / 7P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJQ5863A-AU PANJIT-PJQ5863A-AU Datasheet
409Kb / 6P
   60V Dual P-Channel Enhancement Mode MOSFET
November 8,2022
logo
Diodes Incorporated
ZXMP6A17DN8 DIODES-ZXMP6A17DN8 Datasheet
176Kb / 7P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMP6A18DN8 ZETEX-ZXMP6A18DN8 Datasheet
180Kb / 7P
   DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com