Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF428 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MRF428
Description  The RF Line NPN Silicon RF Power Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF428 Datasheet(HTML) 4 Page - Tyco Electronics

  MRF428 Datasheet HTML 1Page - Tyco Electronics MRF428 Datasheet HTML 2Page - Tyco Electronics MRF428 Datasheet HTML 3Page - Tyco Electronics MRF428 Datasheet HTML 4Page - Tyco Electronics MRF428 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Figure 10. Series Equivalent Impedance


Similar Part No. - MRF428

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF428 MA-COM-MRF428 Datasheet
824Kb / 6P
   The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
logo
Advanced Semiconductor
MRF428 ASI-MRF428 Datasheet
19Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF428 MA-COM-MRF428 Datasheet
1Mb / 6P
   The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 50V
MRF428 MA-COM-MRF428_15 Datasheet
1Mb / 6P
   The RF Line NPN Silicon Power Transistor
MRF428 MA-COM-MRF428_17 Datasheet
1Mb / 7P
   The RF Line NPN Silicon Power Transistor
More results

Similar Description - MRF428

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF421 MACOM-MRF421 Datasheet
133Kb / 4P
   The RF Line NPN Silicon RF Power Transistor
MRF426 MACOM-MRF426 Datasheet
171Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
MRF317 MACOM-MRF317 Datasheet
144Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
MRF327 MACOM-MRF327 Datasheet
193Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
logo
New Jersey Semi-Conduct...
MRF224 NJSEMI-MRF224 Datasheet
88Kb / 1P
   The RF Line NPN Silicon RF Power Transistor
logo
Tyco Electronics
MRF316 MACOM-MRF316 Datasheet
159Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
MRF422 MACOM-MRF422 Datasheet
132Kb / 4P
   The RF Line NPN Silicon RF Power Transistor
logo
Motorola, Inc
MRF430 MOTOROLA-MRF430 Datasheet
245Kb / 4P
   THE RF LINE NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF448 MA-COM-MRF448_15 Datasheet
202Kb / 7P
   The RF Line NPN Silicon Power Transistor
MRF454 MA-COM-MRF454_15 Datasheet
120Kb / 4P
   The RF Line NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com