Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF429 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MRF429
Description  RF POWER TRANSISTOR NPN SILICON
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF429 Datasheet(HTML) 4 Page - Tyco Electronics

  MRF429 Datasheet HTML 1Page - Tyco Electronics MRF429 Datasheet HTML 2Page - Tyco Electronics MRF429 Datasheet HTML 3Page - Tyco Electronics MRF429 Datasheet HTML 4Page - Tyco Electronics MRF429 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Figure 8. Output Capacitance versus Frequency
Figure 9. Output Resistance versus Frequency
Figure 10. Series Equivalent Impedance
1
f, FREQUENCY (MHz)
5000
f, FREQUENCY (MHz)
VCC = 50 V
ICQ = 150 mA
Pout = 150 W PEP
4000
3000
2000
1000
0
20
16
12
8
4
0
2
4
7
15
30
60
100
1
2
4
7
15
30
60
100
VCC = 50 V
ICQ = 150 mA
Pout = 150 W PEP
7.0
f = 2.0 MHz
15
30
Zo = 10 Ω
4.0
VCC = 50 V
ICQ = 150 mA
Pout = 150 W PEP
f
MHz
Zin
Ohms
2.0
4.0
7.0
15
30
60
90
7.15 - j2.40
4.20 - j2.25
2.55 - j1.75
1.60 - j1.15
1.10 - j0.70
0.78 - j0.30
0.67 - j0.10
60
90
4


Similar Part No. - MRF429

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF429 MOTOROLA-MRF429 Datasheet
141Kb / 6P
   RF POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF429 MA-COM-MRF429 Datasheet
222Kb / 7P
   The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 28V
logo
Advanced Semiconductor
MRF429 ASI-MRF429 Datasheet
35Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF429 MA-COM-MRF429 Datasheet
714Kb / 7P
   The RF Line NPN Silicon Power Transistor 150W(PEP), 30MHz, 50V
logo
eleflow technologies co...
MRF429 ELEFLOW-MRF429 Datasheet
31Kb / 1P
   NPN Silicon RF power transistor
More results

Similar Description - MRF429

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
CBSL150 ASI-CBSL150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF15-28S ASI-HF15-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MLN1027S ASI-MLN1027S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLX39 ASI-BLX39 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF839F ASI-MRF839F Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com