Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXT10P20DE6 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXT10P20DE6
Description  20V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXT10P20DE6 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXT10P20DE6_15 Datasheet HTML 1Page - Diodes Incorporated ZXT10P20DE6_15 Datasheet HTML 2Page - Diodes Incorporated ZXT10P20DE6_15 Datasheet HTML 3Page - Diodes Incorporated ZXT10P20DE6_15 Datasheet HTML 4Page - Diodes Incorporated ZXT10P20DE6_15 Datasheet HTML 5Page - Diodes Incorporated ZXT10P20DE6_15 Datasheet HTML 6Page - Diodes Incorporated ZXT10P20DE6_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXT10P20DE6
Document Number: DS33625 Rev: 4 - 2
4 of 7
www.diodes.com
May 2015
© Diodes Incorporated
ZXT10P20DE6
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
-20
-65
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
-20
-53
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7
-8.8
V
IE = -100µA
Collector-Base Cutoff Current
ICBO
<1
-100
nA
VCB = -15V
Emitter Cutoff Current
IEBO
<1
-100
nA
VEB = -5V
Collector-Emitter Cutoff Current
ICES
<1
-100
nA
VCES = -15V
ON CHARACTERISTICS (Note 9)
DC Current Gain
hFE
300
475
IC = -10mA, VCE = -2V
300
450

IC = -0.1A, VCE = -2V
150
230

IC = -2A, VCE = -2V
15
30

IC = -6A, VCE = -2V
Collector-Emitter Saturation Voltage
VCE(sat)
-19
-30
mV
IC = -0.1A, IB = -10mA

-170
-220
IC = -1A, IB = -20mA

-190
-250
IC = -1.5A, IB = -50mA

-240
-350
IC = -2.5A, IB = -150mA
Base-Emitter Saturation Voltage
VBE(sat)
-0.97
-1.05
V
IC = -2.5A, IB = -150mA
Base-Emitter Turn-On Voltage
VBE(on)
-0.85
-0.95
V
IC = -2.5A, VCE = -2V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
150
180
MHz
VCE = -10V, IC = -50mA, f = 100MHz
Output Capacitance
Cobo
21
30
pF
VCB = -10V, f = 1MHz
Turn-On Time
t(on)

40

ns
VCC = -10V, IC = -1A
IB1 = -IB2 = -20mA
Turn-Off Time
t(off)

670

ns
Note:
9. Measured under pulsed conditions. Pulse width
 300μs. Duty cycle  2%.


Similar Part No. - ZXT10P20DE6_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10P20DE6TA ZETEX-ZXT10P20DE6TA Datasheet
230Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10P20DE6TA DIODES-ZXT10P20DE6TA Datasheet
242Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT10P20DE6TC ZETEX-ZXT10P20DE6TC Datasheet
230Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10P20DE6TC DIODES-ZXT10P20DE6TC Datasheet
242Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXT10P20DE6_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT13P20DE6 DIODES-ZXT13P20DE6_15 Datasheet
196Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
ZXT13P40DE6 DIODES-ZXT13P40DE6_15 Datasheet
648Kb / 7P
   40V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
ZXT10P12DE6 DIODES-ZXT10P12DE6_15 Datasheet
438Kb / 7P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
ZXTP718MA DIODES-ZXTP718MA Datasheet
163Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT2MA DIODES-ZXT2MA_15 Datasheet
160Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZX5T2E6 DIODES-ZX5T2E6_16 Datasheet
330Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT2MA DIODES-ZXT2MA Datasheet
160Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTP718MA DIODES-ZXTP718MA_15 Datasheet
198Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTD718MC DIODES-ZXTD718MC Datasheet
194Kb / 7P
   DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTD2090E6 DIODES-ZXTD2090E6_15 Datasheet
646Kb / 7P
   50V DUAL NPN LOW SATURATION SWITCHING TRANSISTOR IN SOT26
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com