Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA1263ZSQ Datasheet(PDF) 2 Page - RF Micro Devices

Part # SGA1263ZSQ
Description  DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA1263ZSQ Datasheet(HTML) 2 Page - RF Micro Devices

  SGA1263ZSQ Datasheet HTML 1Page - RF Micro Devices SGA1263ZSQ Datasheet HTML 2Page - RF Micro Devices SGA1263ZSQ Datasheet HTML 3Page - RF Micro Devices SGA1263ZSQ Datasheet HTML 4Page - RF Micro Devices SGA1263ZSQ Datasheet HTML 5Page - RF Micro Devices SGA1263ZSQ Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 of 6
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA1263Z
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current (ID)
20
mA
Max Device Voltage (VD)
5
V
Max RF Input Power
-12
dBm
Max Junction Temperature (TJ)
+150
°C
Operating Temperature Range (TL)
-40 to +85
°C
Max Storage Temperature
+150
°C
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Bandwidth
T=25°C
Frequency Range
DC
4000
MHz
Device Bias
T=25°C
Operating Voltage
2.8
V
Operating Current
8
mA
500MHz
T=25°C
Gain
16.0
dB
Noise Figure
2.7
dB
Output IP3
4.0
dBm
Output P1dB
-6.9
dBm
Input Return Loss
8.5
dB
Isolation
61.6
dB
850MHz
T=25°C
Gain
15.7
dB
Noise Figure
2.7
dB
Output IP3
2.6
dBm
Output P1dB
-7.8
dBm
Input Return Loss
8.9
dB
Isolation
48.4
dB
1950MHz
T=25°C
Gain
14.7
dB
Noise Figure
3.0
dB
Output IP3
2.8
dBm
Output P1dB
-7.4
dBm
Input Return Loss
8.8
dB
Isolation
35.6
dB
2400MHz
T=25°C
Gain
14.2
dB
Noise Figure
2.8
dB
Output IP3
0.2
dBm
Output P1dB
-7.0
dBm
Input Return Loss
8.4
dB
Isolation
33.6
dB
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.


Similar Part No. - SGA1263ZSQ

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SGA12E MEANWELL-SGA12E Datasheet
103Kb / 3P
   12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12E05-P1J MEANWELL-SGA12E05-P1J Datasheet
103Kb / 3P
   12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12E07-P1J MEANWELL-SGA12E07-P1J Datasheet
103Kb / 3P
   12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12E09-P1J MEANWELL-SGA12E09-P1J Datasheet
103Kb / 3P
   12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12E12-P1J MEANWELL-SGA12E12-P1J Datasheet
103Kb / 3P
   12W AC-DC High Reliability Slim Wall-mounted Adaptor
More results

Similar Description - SGA1263ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA7489Z RFMD-SGA7489Z Datasheet
486Kb / 6P
   DC to 3000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGC6389Z RFMD-SGC6389Z Datasheet
599Kb / 6P
   ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGC-4363Z SIRENZA-SGC-4363Z Datasheet
308Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4386Z SIRENZA-SGC-4386Z Datasheet
266Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2463Z SIRENZA-SGC-2463Z Datasheet
306Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2386Z SIRENZA-SGC-2386Z Datasheet
266Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
logo
RF Micro Devices
SGA0363Z RFMD-SGA0363Z Datasheet
322Kb / 6P
   DC to 5000MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGC-2486Z SIRENZA-SGC-2486Z Datasheet
265Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4463Z SIRENZA-SGC-4463Z Datasheet
307Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-6386Z SIRENZA-SGC-6386Z Datasheet
296Kb / 6P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com