Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30800FGFP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M30800FGFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
Download  317 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30800FGFP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M30800FGFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M30800FGFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M30800FGFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M30800FGFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M30800FGFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M30800FGFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30800FGFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30800FGFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30800FGFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 317 page
background image
5
Under
development
Preliminary Specifications REV.D
Specifications in this manual are tentative and subject to change.
Mitsubishi microcomputers
M16C/80 (100-pin version) group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
Item
Performance
Number of basic instructions
106 instructions
Shortest instruction execution time
50ns(f(XIN)=20MHz)
Memory
See ROM expansion figure.
capacity
10/20 K bytes
I/O port
8 bits x 10, 7 bits x 1
Input port
1 bit x 1
Multifunction
16 bits x 5
timer
16 bits x 6
Serial I/O
(UART or clock synchronous) x 5
A-D converter
10 bits x (8 + 2) channels
D-A converter
8 bits x 2
DMAC
4 channels
DRAM controller
CAS before RAS refresh, self-refresh, EDO, FP
CRC calculation circuit
CRC-CCITT
X-Y converter
16 bits X 16 bits
Watchdog timer
15 bits x 1 (with prescaler)
Interrupt
29 internal and 8 external sources, 5 software sources, 7
levels
Clock generating circuit
2 built-in clock generation circuits
(built-in feedback resistance, and external ceramic or
quartz oscillator)
Supply voltage
4.2 to 5.5V (f(XIN)=20MHz) Mask ROM and flash
memory version
2.7 to 5.5V (f(XIN)=10MHz) Mask ROM and flash
memory version
Power consumption
45mA (f(XIN) = 20MHz without software wait,Vcc=5V)
Mask ROM 128 Kbytes version
I/O
5V
characteristics
5mA
Memory expansion
Available (up to 16M bytes)
Operating ambient temperature
–40 to 85oC
Device configuration
CMOS high performance silicon gate
Package
100-pin plastic mold QFP
Table 1.1.1. Performance outline of M16C/80 (100-pin version) group
Performance Outline
Table 1.1.1 is a performance outline of M16C/80 (100-pin version) group.
ROM
RAM
P0 to P10 (except P85)
P85
TA0, TA1, TA2, TA3,TA4
TB0, TB1, TB2, TB3, TB4, TB5
UART0, UART1, UART2,
UART3, UART4
I/O withstand voltage
Output current


Similar Part No. - M30800FGFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30800SAFP RENESAS-M30800SAFP Datasheet
542Kb / 60P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M30800SAFP-BL RENESAS-M30800SAFP-BL Datasheet
542Kb / 60P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M30800SAGP RENESAS-M30800SAGP Datasheet
542Kb / 60P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M30800SAGP-BL RENESAS-M30800SAGP-BL Datasheet
542Kb / 60P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M30800SFP-BL RENESAS-M30800SFP-BL Datasheet
3Mb / 358P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/80 SERIES
More results

Similar Description - M30800FGFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com