Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA5486ZPCK1 Datasheet(PDF) 1 Page - RF Micro Devices

Part # SGA5486ZPCK1
Description  DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA5486ZPCK1 Datasheet(HTML) 1 Page - RF Micro Devices

  SGA5486ZPCK1 Datasheet HTML 1Page - RF Micro Devices SGA5486ZPCK1 Datasheet HTML 2Page - RF Micro Devices SGA5486ZPCK1 Datasheet HTML 3Page - RF Micro Devices SGA5486ZPCK1 Datasheet HTML 4Page - RF Micro Devices SGA5486ZPCK1 Datasheet HTML 5Page - RF Micro Devices SGA5486ZPCK1 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
1 of 6
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
SGA5486Z
DC to 3500MHz, CASCADABLE SiGe HBT
MMIC AMPLIFIER
The SGA5486Z is a high performance SiGe HBT MMIC Amplifier. A Darlington con-
figuration featuring one-micron emitters provides high FT and excellent thermal per-
formance. The heterojunction increases breakdown voltage and minimizes leakage
current between junctions. Cancellation of emitter junction non-linearities results in
higher suppression of intermodulation products. Only two DC-blocking capacitors, a
bias resistor, and an optional RF choke are required for operation.
0
6
12
18
24
01
2
3
45
Frequency (GHz)
-40
-30
-20
-10
0
GAIN
IRL
ORL
Gain & Return Loss vs. Frequency
V
D= 3.6 V, ID= 60 mA (Typ.)
T
L=+25ºC
High Gain: 16.3dB at
1950MHz
Cascadable 50
Operates from Single Supply
Low Thermal Resistance
Package
Applications
PA Driver Amplifier
Cellular, PCS, GSM, UMTS
IF Amplifier
Wireless Data, Satellite
DS110203
Package: SOT-86
SGA5486ZDC
to 3500MHz,
Cascadable
SiGe HBT
MMIC Ampli-
fier
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
18.8
dB
850MHz
16.3
dB
1950MHz
15.4
dB
2400MHz
Output Power at 1dB Compression
17.0
dBm
850MHz
15.0
dBm
1950MHz
Output Third Intercept Point
32.0
dBm
850MHz
28.0
dBm
1950MHz
Bandwidth Determined by Return Loss
3500
MHz
>10dB
Input Return Loss
14.8
dB
1950MHz
Output Return Loss
27.8
dB
1950MHz
Noise Figure
3.6
dB
1950MHz
Device Operating Voltage
3.1
3.5
3.9
V
Device Operating Current
546066
mA
Thermal Resistance
(Junction - Lead)
97
°C/W
Test Conditions: VS=8V, ID=60mA Typ., OIP3 Tone Spacing=1MHz, POUT per tone=0dBm, RBIAS=75, TL=25°C, ZS=ZL=50


Similar Part No. - SGA5486ZPCK1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA5489Z RFMD-SGA5489Z Datasheet
465Kb / 6P
   DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA5489ZPCK1 RFMD-SGA5489ZPCK1 Datasheet
465Kb / 6P
   DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA5489ZSQ RFMD-SGA5489ZSQ Datasheet
465Kb / 6P
   DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA5489ZSR RFMD-SGA5489ZSR Datasheet
465Kb / 6P
   DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results

Similar Description - SGA5486ZPCK1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA6489Z RFMD-SGA6489Z Datasheet
469Kb / 6P
   DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4463Z RFMD-SGA4463Z Datasheet
599Kb / 6P
   DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4263Z RFMD-SGA4263Z Datasheet
563Kb / 6P
   DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2186Z RFMD-SGA2186Z Datasheet
304Kb / 5P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2486Z RFMD-SGA2486Z Datasheet
288Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3263Z RFMD-SGA3263Z Datasheet
427Kb / 7P
   DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3363Z RFMD-SGA3363Z Datasheet
357Kb / 6P
   DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6389Z RFMD-SGA6389Z Datasheet
467Kb / 6P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2386Z RFMD-SGA2386Z Datasheet
291Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4186Z RFMD-SGA4186Z Datasheet
285Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com