Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA6386ZSQ Datasheet(PDF) 3 Page - RF Micro Devices

Part # SGA6386ZSQ
Description  DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA6386ZSQ Datasheet(HTML) 3 Page - RF Micro Devices

  SGA6386ZSQ Datasheet HTML 1Page - RF Micro Devices SGA6386ZSQ Datasheet HTML 2Page - RF Micro Devices SGA6386ZSQ Datasheet HTML 3Page - RF Micro Devices SGA6386ZSQ Datasheet HTML 4Page - RF Micro Devices SGA6386ZSQ Datasheet HTML 5Page - RF Micro Devices SGA6386ZSQ Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 of 6
DS100915
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA6386Z
-30
-25
-20
-15
-10
01234
5
Frequency (GHz)
+25°C
-40°C
+85°C
-40
-30
-20
-10
0
01
234
5
Frequency (GHz)
+25°C
-40°C
+85°C
0
5
10
15
20
01
23
45
Frequency (GHz)
+25°C
-40°C
+85°C
-40
-30
-20
-10
0
012
345
Frequency (GHz)
+25°C
-40°C
+85°C
|S
12| vs. Frequency
V
D= 4.9 V,
I
D= 80 mA
|S
22| vs. Frequency
V
D= 4.9 V,
I
D= 80 mA
T
L
T
L
T
L
T
L
|S
11| vs. Frequency
V
D= 4.9 V,
I
D= 80 mA
|S
21| vs. Frequency
V
D= 4.9 V,
I
D= 80 mA
* Note: In the applications circuit on page 4, R
BIAS compensates for voltage and current variation over temperature.
V
D vs. Temperature for Constant ID = 80 mA
V
D vs. ID over Temperature
for fixed
V
S= 8 V, RBIAS= 39 ohms *
65
70
75
80
85
90
95
4.5
4.7
4.9
5.1
5.3
VD(Volts)
+85°C
+25°C
-40°C
4.5
4.7
4.9
5.1
5.3
5.5
-40
-15
10
35
60
85
Temperature(°C)


Similar Part No. - SGA6386ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA6389Z RFMD-SGA6389Z Datasheet
467Kb / 6P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6389ZPCK1 RFMD-SGA6389ZPCK1 Datasheet
467Kb / 6P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6389ZSQ RFMD-SGA6389ZSQ Datasheet
467Kb / 6P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6389ZSR RFMD-SGA6389ZSR Datasheet
467Kb / 6P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results

Similar Description - SGA6386ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA2186Z RFMD-SGA2186Z Datasheet
304Kb / 5P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2486Z RFMD-SGA2486Z Datasheet
288Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2386Z RFMD-SGA2386Z Datasheet
291Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4186Z RFMD-SGA4186Z Datasheet
285Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
SGA-2163 ETC-SGA-2163 Datasheet
393Kb / 5P
   DC-5000MHZ, CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
RF Micro Devices
SGA3286Z RFMD-SGA3286Z Datasheet
376Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4286Z RFMD-SGA4286Z Datasheet
293Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA5386Z RFMD-SGA5386Z Datasheet
286Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2286Z RFMD-SGA2286Z Datasheet
285Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2463Z RFMD-SGA2463Z Datasheet
456Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com