Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6802SDPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF6802SDPBF
Description  RoHs Compliant Containing No Lead and Bromide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6802SDPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF6802SDPBF_15 Datasheet HTML 1Page - International Rectifier IRF6802SDPBF_15 Datasheet HTML 2Page - International Rectifier IRF6802SDPBF_15 Datasheet HTML 3Page - International Rectifier IRF6802SDPBF_15 Datasheet HTML 4Page - International Rectifier IRF6802SDPBF_15 Datasheet HTML 5Page - International Rectifier IRF6802SDPBF_15 Datasheet HTML 6Page - International Rectifier IRF6802SDPBF_15 Datasheet HTML 7Page - International Rectifier IRF6802SDPBF_15 Datasheet HTML 8Page - International Rectifier IRF6802SDPBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DirectFET®
plus Power MOSFET ‚
Applicable DirectFET Outline and Substrate Outline (see p.7,8 for details)

Fig 1. Typical On-Resistance vs. Gate Voltage
Typical values (unless otherwise specified)
Fig 2. Typical Total Gate Charge vs. Gate-to-Source Voltage
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
† Starting TJ = 25°C, L = 0.78mH, RG = 50Ω, IAS = 13A.
Notes:
DirectFET®
plusISOMETRIC
l RoHs Compliant Containing No Lead and Bromide

l Low Profile (<0.7 mm)
l Dual Sided Cooling Compatible

l Low Package Inductance
l Optimized for High Frequency Switching

l Ideal for CPU Core DC-DC Converters
l Optimized for Control FET socket of Sync. Buck Converter

l Low Conduction and Switching Losses
l Compatible with existing Surface Mount Techniques

l 100% Rg tested
SA
D
D
S
G
S
G
SQ
SX
ST
SA
MQ
MX
MT
MP
MB
2
4
6
8
10
12
14
16
VGS, Gate -to -Source Voltage (V)
0
2
4
6
8
10
ID = 16A
TJ = 25°C
TJ = 125°C
0
5
10
15
20
25
QG Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 20V
VDS= 13V
VDS= 6.0V
ID= 13A
VDSS
VGS
RDS(on)
RDS(on)
25V max ±16V max 3.2m
Ω@ 10V 4.5mΩ@ 4.5V
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V e
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
e
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V f
IDM
Pulsed Drain Current
g
EAS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
66
Max.
13
57
130
±16
25
16
13
Qg tot
Qgd
Qgs2
Qrr
Qoss Vgs(th)
8.8nC
3.1nC
1.1nC
22nC
13nC
1.6V
Description
The IRF6802SDTRPbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFET® packaging to
achieve improved performance in a package that has the footprint of a MICRO-8 and only 0.7 mm profile. The DirectFET® package is
compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection
soldering techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET®
package allows dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.
The IRF6802SDTRPbF has low gate resistance and low charge along with ultra low package inductance providing significant reduction in
switching losses. The reduced losses make this product ideal for high efficiency DC-DC converters that power the latest generation of
processors operating at higher frequencies. The IRF6802SDTRPbF has been optimized for the control FET socket of synchronous buck
operating from 12 volt bus converters.
IRF6802SDPbF
IRF6802SDTRPbF
1
www.irf.com © 2013 International Rectifier
September 10, 2013


Similar Part No. - IRF6802SDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6802SDPBF IRF-IRF6802SDPBF Datasheet
230Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
More results

Similar Description - IRF6802SDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6713STR1PBF IRF-IRF6713STR1PBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
IRF8308MTRPBF IRF-IRF8308MTRPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MTRPBF IRF-IRF6894MTRPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF_15 Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6722S1PBF IRF-IRF6722S1PBF Datasheet
270Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6718L2PBF IRF-IRF6718L2PBF_15 Datasheet
236Kb / 10P
   RoHS Compliant Containing No Lead and Bromide
IRF6726MPBF IRF-IRF6726MPBF_15 Datasheet
262Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6633TR1 IRF-IRF6633TR1 Datasheet
263Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
IRF8308MTR1PBF IRF-IRF8308MTR1PBF Datasheet
271Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
IRF6802SDPBF IRF-IRF6802SDPBF Datasheet
230Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com