Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6810STRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6810STRPBF
Description  RoHS Compliant and Halogen Free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6810STRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF6810STRPBF Datasheet HTML 1Page - International Rectifier IRF6810STRPBF Datasheet HTML 2Page - International Rectifier IRF6810STRPBF Datasheet HTML 3Page - International Rectifier IRF6810STRPBF Datasheet HTML 4Page - International Rectifier IRF6810STRPBF Datasheet HTML 5Page - International Rectifier IRF6810STRPBF Datasheet HTML 6Page - International Rectifier IRF6810STRPBF Datasheet HTML 7Page - International Rectifier IRF6810STRPBF Datasheet HTML 8Page - International Rectifier IRF6810STRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6810STRPbF
2
www.irf.com
‡ Pulse width ≤ 400μs; duty cycle ≤ 2%.
Notes:
D
S
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
25
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
22
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
4.0
5.2
–––
5.6
7.3
VGS(th)
Gate Threshold Voltage
1.1
1.6
2.1
V
ΔVGS(th)/ΔTJ
Gate Threshold Voltage Coefficient
–––
-5.9
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
182
–––
–––
S
Qg
Total Gate Charge
–––
7.4
11
Qgs1
Pre-Vth Gate-to-Source Charge
–––
1.6
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
0.98
–––
Qgd
Gate-to-Drain Charge
–––
2.7
–––
Qgodr
Gate Charge Overdrive
–––
2.1
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
3.68
–––
Qoss
Output Charge
–––
8.9
–––
nC
RG
Gate Resistance
–––
0.4
Ω
td(on)
Turn-On Delay Time
–––
8.2
–––
tr
Rise Time
–––
22
–––
td(off)
Turn-Off Delay Time
–––
11
–––
tf
Fall Time
–––
4.8
–––
Ciss
Input Capacitance
–––
1038
–––
Coss
Output Capacitance
–––
325
–––
Crss
Reverse Transfer Capacitance
–––
74
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
A
ISM
Pulsed Source Current
(Body Diode)
Ãg
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
12
18
ns
Qrr
Reverse Recovery Charge
–––
8.4
13
nC
16
130
VDS = VGS, ID = 25μA
m
Ω
μA
nA
nC
ns
pF
VGS = 4.5V, ID = 13A i
–––
–––
–––
–––
di/dt = 280A/μs
i
TJ = 25°C, IS = 13A, VGS = 0V i
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IF =13A
VGS = 0V
VDS = 13V
ID = 13A
VDD = 13V, VGS = 4.5VÃi
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 16A i
VGS = 16V
VGS = -16V
VDS = 20V, VGS = 0V
VDS = 13V
VDS = 20V, VGS = 0V, TJ = 125°C
MOSFET symbol
RG= 1.8Ω
VDS = 13V, ID =13A
Conditions
ƒ = 1.0MHz
VDS = 16V, VGS = 0V
VGS = 4.5V
ID = 13A


Similar Part No. - IRF6810STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6810STRPBF IRF-IRF6810STRPBF Datasheet
283Kb / 9P
   DirectFET짰Power MOSFET
More results

Similar Description - IRF6810STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
   Halogen free and RoHS compliant
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
   RoHS and Halogen-Free Compliant
AOSP32314 AOSMD-AOSP32314 Datasheet
325Kb / 5P
   RoHS and Halogen-Free Compliant
AOT10T60P AOSMD-AOT10T60P Datasheet
498Kb / 7P
   RoHS and Halogen Free Compliant
AON7544 AOSMD-AON7544 Datasheet
276Kb / 6P
   RoHS and Halogen-Free Compliant
AON7518 AOSMD-AON7518 Datasheet
213Kb / 6P
   RoHS and Halogen-Free Compliant
AON7566 AOSMD-AON7566 Datasheet
337Kb / 6P
   RoHS and Halogen-Free Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com