Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7241PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7241PBF
Description  Trench Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7241PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7241PBF_15 Datasheet HTML 1Page - International Rectifier IRF7241PBF_15 Datasheet HTML 2Page - International Rectifier IRF7241PBF_15 Datasheet HTML 3Page - International Rectifier IRF7241PBF_15 Datasheet HTML 4Page - International Rectifier IRF7241PBF_15 Datasheet HTML 5Page - International Rectifier IRF7241PBF_15 Datasheet HTML 6Page - International Rectifier IRF7241PBF_15 Datasheet HTML 7Page - International Rectifier IRF7241PBF_15 Datasheet HTML 8Page - International Rectifier IRF7241PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7241PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
––– ––– -1.2
V
TJ = 25°C, IS = -2.5A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
32
48
ns
TJ = 25°C, IF = -2.5A
Qrr
Reverse Recovery Charge
–––
45
68
nC
di/dt = -100A/µs
‚
Source-Drain Ratings and Characteristics
A
-25
–––
–––
–––
-2.5
–––
S
D
G
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-40
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.03 –––
V/°C Reference to 25°C, ID = -1mA
–––
25
41
VGS = -10V, ID = -6.2A
‚
–––
45
70
VGS = -4.5V, ID = -5.0A
‚
VGS(th)
Gate Threshold Voltage
-1.0 ––– -3.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
8.9
–––
–––
S
VDS = -10V, ID = -6.2A
––– –––
-10
VDS = -32V, VGS = 0V
––– –––
-25
VDS = -32V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
––– ––– -100
VGS = -20V
Gate-to-Source Reverse Leakage
––– –––
100
VGS = 20V
Qg
Total Gate Charge
–––
53
80
ID = -6.2A
Qgs
Gate-to-Source Charge
–––
14
21
nC
VDS = -32V
Qgd
Gate-to-Drain ("Miller") Charge
–––
3.9
5.9
VGS = -10V
td(on)
Turn-On Delay Time
–––
24
–––
VDD = -20V
‚
tr
Rise Time
––– 280
–––
ID = -1.0A
td(off)
Turn-Off Delay Time
––– 210
–––
RG = 6.0Ω
tf
Fall Time
––– 100
–––
VGS = -10V
Ciss
Input Capacitance
––– 3220 –––
VGS = 0V
Coss
Output Capacitance
––– 160
–––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
––– 190
–––
ƒ = 1.0kHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
m
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
ƒ Surface mounted on 1 in square Cu board


Similar Part No. - IRF7241PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7241PBF IRF-IRF7241PBF Datasheet
170Kb / 9P
   HEXFET Power MOSFET
More results

Similar Description - IRF7241PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7328TRPBF IRF-IRF7328TRPBF Datasheet
175Kb / 8P
   Trench Technology
IRF7663TR IRF-IRF7663TR Datasheet
82Kb / 7P
   Trench Technology
IRF7530TR IRF-IRF7530TR Datasheet
105Kb / 8P
   Trench Technology
IRF7530TRPBF IRF-IRF7530TRPBF Datasheet
152Kb / 8P
   Trench Technology
IRF7324TRPBF IRF-IRF7324TRPBF Datasheet
169Kb / 8P
   Trench Technology
IRF7607TRPBF IRF-IRF7607TRPBF Datasheet
149Kb / 8P
   Trench Technology
IRF7329TRPBF IRF-IRF7329TRPBF Datasheet
179Kb / 9P
   Trench Technology
logo
DONGGUAN YOU FENG WEI E...
15L65SP-TO277 YFWDIODE-15L65SP-TO277 Datasheet
825Kb / 3P
   Advanced trench technology
logo
Vishay Siliconix
VS-GT105LA120UX VISHAY-VS-GT105LA120UX Datasheet
190Kb / 9P
   Trench IGBT technology
Revision: 17-Oct-16
logo
Vincotech
V23990-K222-A-PM VINCOTECH-V23990-K222-A-PM Datasheet
2Mb / 17P
   Trench Fieldstop technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com