Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PNP-1181-P22-G Datasheet(PDF) 1 Page - RF Micro Devices

Part # PNP-1181-P22-G
Description  PLUG-N-PLAY WIDEBAND SYNTHESIZER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

PNP-1181-P22-G Datasheet(HTML) 1 Page - RF Micro Devices

  PNP-1181-P22-G Datasheet HTML 1Page - RF Micro Devices PNP-1181-P22-G Datasheet HTML 2Page - RF Micro Devices PNP-1181-P22-G Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
PNP-1181-P22-G
PLUG-N-PLAY WIDEBAND SYNTHESIZER
RFMD offers complete Plug-N-Play Synthesizers (PNPs) for low noise frequency syn-
thesizer applications consisting of a VCO, PLL, loop filter and Micro-controller inter-
face. The PNP family of RF signal sources is the world's first family of truly
configurable frequency synthesizer modules. These synthesizers can make quick
adjustments with amazing accuracy, speed, and performance.
Features
Internal Microcontroller
Programmable
START/STOP/Step Size
SPI BUS Compatible
Frequency: 3160MHz to
3380MHz
Resonator: Microstrip
PCB: Rogers
Package Size: 15.24mm x
15.24mm x 5.58mm (0.6in x
0.6in x 0.22in)
Applications
Highly Integrated Radio Designs
High-Performance Radios
Mircrowave Radio IF Conversion
Instrumentation
Frequency Synthesizers
DS121109
Package: P22, 15.24mm x 15.24mm x 5.58mm
PNP-1181-
P22-GPlug-n-
play Wide-
band Synthe-
sizer
PNP-1181-P22-G
Contact us at 1-480-756-6070


Similar Part No. - PNP-1181-P22-G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
PNP-1182-P22-G RFMD-PNP-1182-P22-G Datasheet
280Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
More results

Similar Description - PNP-1181-P22-G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
PNP-744-P22-G RFMD-PNP-744-P22-G Datasheet
280Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-1182-P22-G RFMD-PNP-1182-P22-G Datasheet
280Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-1620-P22-G RFMD-PNP-1620-P22-G Datasheet
280Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-1623-P22-G RFMD-PNP-1623-P22-G Datasheet
280Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-1500-P22-G RFMD-PNP-1500-P22-G Datasheet
280Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-437-P22-G RFMD-PNP-437-P22-G Datasheet
279Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-752-P22-G RFMD-PNP-752-P22-G Datasheet
291Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-1617-P22-G RFMD-PNP-1617-P22-G Datasheet
280Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-1618-P22-G RFMD-PNP-1618-P22-G Datasheet
281Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-383-P22-G RFMD-PNP-383-P22-G Datasheet
280Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-1090-P22-G RFMD-PNP-1090-P22-G Datasheet
280Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com