Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHA3942 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFHA3942
Description  35W GaN Wide-Band Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA3942 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFHA3942 Datasheet HTML 3Page - RF Micro Devices RFHA3942 Datasheet HTML 4Page - RF Micro Devices RFHA3942 Datasheet HTML 5Page - RF Micro Devices RFHA3942 Datasheet HTML 6Page - RF Micro Devices RFHA3942 Datasheet HTML 7Page - RF Micro Devices RFHA3942 Datasheet HTML 8Page - RF Micro Devices RFHA3942 Datasheet HTML 9Page - RF Micro Devices RFHA3942 Datasheet HTML 10Page - RF Micro Devices RFHA3942 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131204
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
7 of 11
RFHA3942
2.14GHz Evaluation Board Schematic
2.14GHz Evaluation Board Bill of Materials (BOM)
Item
Value
Manufacturer
Manufacturer’s P/N
C2, C10, C11, C15
33pF
ATC
ATC800A330JT
C3, C14
0.1uF
Murata
GRM32NR72A104KA01L
C4, C13
4.7uF
Murata
GRM55ER72A475KA01L
C6
2.2pF
ATC
ATC800A2R2BT
C7
0.6pF
ATC
ATC800A0R6BT
C8
1.2pF
ATC
ATC800A1R2BT
C9
2.7pF
ATC
ATC800A2R7BT
C12
330µF
Panasonic
EEU-FC2A331
R1
10
Ω
Panasonic
ERJ-8GEYJ100V
C1, C16, C17, C18, C19
Not used
-
-
PCB
RO4350, 0.030” thick dielectric
Rogers
-


Similar Part No. - RFHA3942

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA3942D RFMD-RFHA3942D Datasheet
1Mb / 9P
   35W Linear GaN on SiC Power Amplifier Die
More results

Similar Description - RFHA3942

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3932 RFMD-RF3932 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3931 RFMD-RF3931 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RFHA1004 RFMD-RFHA1004 Datasheet
946Kb / 11P
   25W GaN Wide-Band Power Amplifier
RFHA3944 RFMD-RFHA3944 Datasheet
1Mb / 11P
   65W GaN Wide-Band Power Amplifier
RF3833 RFMD-RF3833 Datasheet
1Mb / 10P
   25W GaN Wide-Band Power Amplifier
RF3933 RFMD-RF3933_12 Datasheet
1Mb / 14P
   90W GaN WIDE-BAND POWER AMPLIFIER
RFHA3832 RFMD-RFHA3832 Datasheet
1Mb / 11P
   10W GaN Wide-Band Power Amplifier
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com