Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSW2100D Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFSW2100D
Description  55W GaN-on-SiC Reflective SPDT RF Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW2100D Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFSW2100D Datasheet HTML 2Page - RF Micro Devices RFSW2100D Datasheet HTML 3Page - RF Micro Devices RFSW2100D Datasheet HTML 4Page - RF Micro Devices RFSW2100D Datasheet HTML 5Page - RF Micro Devices RFSW2100D Datasheet HTML 6Page - RF Micro Devices RFSW2100D Datasheet HTML 7Page - RF Micro Devices RFSW2100D Datasheet HTML 8Page - RF Micro Devices RFSW2100D Datasheet HTML 9Page - RF Micro Devices RFSW2100D Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131029
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
6 of 11
RFSW2100D
Typical Performance (continued)
Test Conditions: CW Operation, base temperature measured via thermocouple embedded in heatsink mounted to evaluation pcb
.


Similar Part No. - RFSW2100D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW1012 RFMD-RFSW1012 Datasheet
863Kb / 13P
   BROADBAND SPDT SWITCH
RFSW6023 RFMD-RFSW6023 Datasheet
660Kb / 10P
   25dB Isolation at 2GHz
RFSW6024 RFMD-RFSW6024 Datasheet
1Mb / 13P
   300MHz to 6000MHz Operation
RFSW6032 RFMD-RFSW6032 Datasheet
846Kb / 9P
   Low Insertion High Isolation SP3T Switch
RFSW6042 RFMD-RFSW6042 Datasheet
1Mb / 12P
   Low Insertion High Isolation SP4T Switch
More results

Similar Description - RFSW2100D

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4250 PSEMI-PE4250_14 Datasheet
808Kb / 9P
   Reflective SPDT RF Switch
logo
Vishay Siliconix
TLHB44K2M1 VISHAY-TLHB44K2M1 Datasheet
104Kb / 5P
   GaN on SiC technology
Rev. 1.2, 14-Oct-14
logo
BeRex Corporation
BSW6321 BEREX-BSW6321 Datasheet
1Mb / 13P
   5MHz-6000MHz High Linearity Reflective SPDT RF switch
BSW6421 BEREX-BSW6421 Datasheet
1Mb / 13P
   5MHz-6000MHz High Isolation Reflective SPDT RF switch
logo
Microsemi Corporation
GG72030 MICROSEMI-GG72030 Datasheet
90Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES
logo
Cree, Inc
GTRA214602FC CREE-GTRA214602FC Datasheet
321Kb / 8P
   Thermally-Enhanced High Power RF GaN on SiC HEMT
GTRA360502M CREE-GTRA360502M Datasheet
250Kb / 5P
   Thermally-Enhanced High Power RF GaN on SiC HEMT
GTRA260502M CREE-GTRA260502M Datasheet
205Kb / 5P
   Thermally-Enhanced High Power RF GaN on SiC HEMT
logo
TriQuint Semiconductor
T1G4005528-FS TRIQUINT-T1G4005528-FS Datasheet
830Kb / 4P
   55W, 28V, DC ??3.5GHz, GaN RF Power Transistor
T1G4005528-FS TRIQUINT-T1G4005528-FS_15 Datasheet
1Mb / 12P
   55W, 28V, DC ??3.5GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com