Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSW6222 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFSW6222
Description  Differential SPDT or Dual SPDT Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6222 Datasheet(HTML) 6 Page - RF Micro Devices

  RFSW6222 Datasheet HTML 1Page - RF Micro Devices RFSW6222 Datasheet HTML 2Page - RF Micro Devices RFSW6222 Datasheet HTML 3Page - RF Micro Devices RFSW6222 Datasheet HTML 4Page - RF Micro Devices RFSW6222 Datasheet HTML 5Page - RF Micro Devices RFSW6222 Datasheet HTML 6Page - RF Micro Devices RFSW6222 Datasheet HTML 7Page - RF Micro Devices RFSW6222 Datasheet HTML 8Page - RF Micro Devices RFSW6222 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141028
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
6 of 9
RFSW6222
Evaluation Board Schematic 50MHz to 2700MHz Application Circuit
Evaluation Board Bill of Materials (BOM) 50MHz to 2700MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
RFSW6222 Evaluation Board
PCB Itself
Viasystems Technologies Corp.
RSW6222-410(A)
General Purpose DPDT Switch
U1
RFMD
RFSW6222
CAP, 10000pF, 10%, X7R, 0402
C2
Murata Electronics
GRM155R71E103KA01D
CAP, 100pF, 5%, 50V, C0G, 0402
C1
Taiyo Yuden (USA), Inc.
RM UMK105CG101JV-F
CONN, SMA, END LNCH, MINI, FLT,
0.068”
RF1, RF2, RF1A, RF1B,
RF2A, RF2B
Aliner Industries, Inc.
20-001CF-T
CONN, HDR, ST, PLRZD, 4-
PIN, 0.100”
P1
ITW Pancon
MPSS100-4-C
RES, 0
Ω, 0402
R1-R4
Kamaya, Inc.
RMC1/16SJPTH
DNP
L1-L2
N/A
N/A


Similar Part No. - RFSW6222

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6223 RFMD-RFSW6223 Datasheet
818Kb / 8P
   DPDT SYMMETRIC SWITCH
More results

Similar Description - RFSW6222

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG436 AD-ADG436_05 Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
ADG436 AD-ADG436_15 Datasheet
323Kb / 12P
   Dual SPDT Switch
REV. B
ADG436 AD-ADG436 Datasheet
93Kb / 8P
   Dual SPDT Switch
REV. A
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Toshiba Semiconductor
TC7USB221FT TOSHIBA-TC7USB221FT Datasheet
226Kb / 12P
   Dual SPDT USB Switch
logo
Vishay Siliconix
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com