Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1705V-C9 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJG1705V-C9
Description  1.5/1.9GHz BAND FRONT-END GaAs MMIC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1705V-C9 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJG1705V-C9 Datasheet HTML 2Page - New Japan Radio NJG1705V-C9 Datasheet HTML 3Page - New Japan Radio NJG1705V-C9 Datasheet HTML 4Page - New Japan Radio NJG1705V-C9 Datasheet HTML 5Page - New Japan Radio NJG1705V-C9 Datasheet HTML 6Page - New Japan Radio NJG1705V-C9 Datasheet HTML 7Page - New Japan Radio NJG1705V-C9 Datasheet HTML 8Page - New Japan Radio NJG1705V-C9 Datasheet HTML 9Page - New Japan Radio NJG1705V-C9 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
NJG1705V
- 6 -
nTERMINAL INFORMATION
No.
SYMBOL
DESCRIPTIONS
1
LNAIN
RF input terminal of LNA. The RF signal is input through external matching
circuit.
2
LNACAP
Terminal for the bypass capacitor of LNA. The bypass capacitor C1 shown in
application circuit, should be connected to this terminal as close as possible.
3
GND
Ground terminal(0V)
4
IFOUT
IF signal output terminal. The IF signal is output though external matching
circuit’s connected to this terminal. Please connect inductance L8 and power
supply as application circuit since it is also the terminal of Mixer power supply.
5
VLO
Power supply terminal for local amplifier. Please connect R1 and L10 to this
terminal shown in the application circuit as close as possible.
6
LOIN
Local signal input terminal of local amplifier. The local signal is terminal to
local amplifier through external matching circuit.
7
GND
Ground terminal(0V)
8
MIXIN
RF signal input terminal of Mixer. The RF signal from LNA is sent to Mixer
through matching circuit.
9
GND
Ground terminal(0V)
10
LNAOUT
Signal output terminal of LNA. The RF signal from LNA is output through
external matching circuit connected to this terminal. Please connect
inductance L4 and power supply shown in application circuit, since it is also
the terminal of LNA power supply.
CAUTION
1) Ground terminal (No.3, 7, 9) should be connected to the ground plane as short as possible.


Similar Part No. - NJG1705V-C9

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1701V NJRC-NJG1701V Datasheet
538Kb / 16P
   PHS MULTI-FUNCTION GaAs MMIC
NJG1704 NJRC-NJG1704 Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C1 NJRC-NJG1704KC1-C1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C2 NJRC-NJG1704KC1-C2 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
More results

Similar Description - NJG1705V-C9

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1709KC1 NJRC-NJG1709KC1 Datasheet
780Kb / 29P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
   1.9GHz BAND FRONT-END GaAs MMIC
NJG1556KB2 NJRC-NJG1556KB2 Datasheet
309Kb / 15P
   1.5/1.9GHz BAND MIXER GaAs MMIC
NJG1107KB2 NJRC-NJG1107KB2 Datasheet
426Kb / 19P
   1.5/1.9GHz LNA GaAs MMIC
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1553BF NJRC-NJG1553BF Datasheet
414Kb / 9P
   1.9ghZ band mixer gAaS mmic
NJG1103F1 NJRC-NJG1103F1 Datasheet
238Kb / 13P
   1.5/1.9GHz LOW NOISE AMPLIFIER GaAs MMIC
logo
Mitsubishi Electric Sem...
MGF7124A MITSUBISHI-MGF7124A Datasheet
9Kb / 1P
   1.9GHz BAND AMPLIFIER MMIC
logo
New Japan Radio
NJG1707PG1 NJRC-NJG1707PG1 Datasheet
532Kb / 17P
   800MHz TDMA FRONT-END GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com