Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFVC1801TR13 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFVC1801TR13
Description  Wideband MMIC VCO with Buffer Amplifier 5GHz to 10GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1801TR13 Datasheet(HTML) 3 Page - RF Micro Devices

  RFVC1801TR13 Datasheet HTML 1Page - RF Micro Devices RFVC1801TR13 Datasheet HTML 2Page - RF Micro Devices RFVC1801TR13 Datasheet HTML 3Page - RF Micro Devices RFVC1801TR13 Datasheet HTML 4Page - RF Micro Devices RFVC1801TR13 Datasheet HTML 5Page - RF Micro Devices RFVC1801TR13 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140501
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 6
RFVC1801
Typical Evaluation Board Performance: (VS = 5.0V, unless noted)


Similar Part No. - RFVC1801TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFVC1801 RFMD-RFVC1801 Datasheet
510Kb / 8P
   WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 5GHZ TO 10GHZ
RFVC1801PCK-410 RFMD-RFVC1801PCK-410 Datasheet
510Kb / 8P
   WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 5GHZ TO 10GHZ
RFVC1801S2 RFMD-RFVC1801S2 Datasheet
510Kb / 8P
   WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 5GHZ TO 10GHZ
More results

Similar Description - RFVC1801TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFVC1801 RFMD-RFVC1801 Datasheet
510Kb / 8P
   WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 5GHZ TO 10GHZ
logo
Analog Devices
HMC6380LC4B AD-HMC6380LC4B Datasheet
439Kb / 6P
   WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER
HMC6475LC4B AD-HMC6475LC4B Datasheet
583Kb / 4P
   WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800_14 Datasheet
656Kb / 6P
   Wideband MMIC VCO with Buffer Amplifier 8GHz to 12GHz
RFVC1802 RFMD-RFVC1802_14 Datasheet
625Kb / 6P
   Wideband MMIC VCO with Buffer Amplifier 4GHz to 8GHz
RFVC1802 RFMD-RFVC1802 Datasheet
511Kb / 8P
   WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 4GHZ TO 8GHZ
RFVC1800 RFMD-RFVC1800 Datasheet
953Kb / 6P
   WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 8 GHz to 12 GHz
logo
Analog Devices
HMC733LC4B AD-HMC733LC4B Datasheet
318Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER
HMC586LC4B AD-HMC586LC4B Datasheet
280Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER
logo
Hittite Microwave Corpo...
HMC588LC4B HITTITE-HMC588LC4B Datasheet
261Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 8.0 - 12.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com