Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLBT5050-WCR08 Datasheet(PDF) 7 Page - P-tec Corporation

Part # PLBT5050-WCR08
Description  5.0mm x 5.0mm SMT LED, 1.5mm
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLBT5050-WCR08 Datasheet(HTML) 7 Page - P-tec Corporation

Back Button PLBT5050-WCR08 Datasheet HTML 2Page - P-tec Corporation PLBT5050-WCR08 Datasheet HTML 3Page - P-tec Corporation PLBT5050-WCR08 Datasheet HTML 4Page - P-tec Corporation PLBT5050-WCR08 Datasheet HTML 5Page - P-tec Corporation PLBT5050-WCR08 Datasheet HTML 6Page - P-tec Corporation PLBT5050-WCR08 Datasheet HTML 7Page - P-tec Corporation PLBT5050-WCR08 Datasheet HTML 8Page - P-tec Corporation PLBT5050-WCR08 Datasheet HTML 9Page - P-tec Corporation PLBT5050-WCR08 Datasheet HTML 10Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
 
 
www.p-tec.net
040715 Rev1 JAS
Page 7 of 10
Packing and Label Specifications
Feed Direction
Dimensions of Reel
Dimensions of Tape
Notes:
1.
Empty component pockets are sealed with top cover tape
2.
The maximum number of missing SMDs is two
3.
The cathode is oriented towards the tap sprocket hole in accordance with ANSI/EIA RS-481 specifications
4.
1,000pcs/reel


Similar Part No. - PLBT5050-WCR08

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLBT5050-WCRGB-BF P-TEC-PLBT5050-WCRGB-BF Datasheet
47Kb / 1P
   PLBT5050 Series SMD LED Tri-color Package
More results

Similar Description - PLBT5050-WCR08

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLBT5050-WCP32 P-TEC-PLBT5050-WCP32 Datasheet
1Mb / 10P
   5.0mm x 5.0mm SMT LED, 1.5mm
logo
Kingbright Corporation
AAAF5051-02 KINGBRIGHT-AAAF5051-02 Datasheet
352Kb / 9P
   5.0mm x 5.0mm FULL-COLOR SURFACE MOUNT LED LAMP
logo
LUMEX INC.
SML-LX5050SOC-TR LUMEX-SML-LX5050SOC-TR_17 Datasheet
102Kb / 2P
   5.0mm X 5.0mm SML w Reflector
SML-LX5050USBC-TR LUMEX-SML-LX5050USBC-TR_17 Datasheet
116Kb / 2P
   5.0mm X 5.0mm SML w Reflector
SML-LX5050SIC-TR LUMEX-SML-LX5050SIC-TR_17 Datasheet
102Kb / 2P
   5.0mm X 5.0mm SML w Reflector
SML-LX5050SYC-TR LUMEX-SML-LX5050SYC-TR Datasheet
102Kb / 2P
   5.0mm X 5.0mm SML w Reflector
SML-LX5050UPGC-TR LUMEX-SML-LX5050UPGC-TR Datasheet
102Kb / 2P
   5.0mm X 5.0mm SML w Reflector
SML-LX5050SUGC-TR LUMEX-SML-LX5050SUGC-TR Datasheet
102Kb / 2P
   5.0mm X 5.0mm SML w Reflector
logo
TAI-SAW TECHNOLOGY CO.,...
TB1365A TAI-SAW-TB1365A Datasheet
404Kb / 7P
   312.5MHz 100MHzBW SMD 5.0mm x 5.0mm SAW IF Filter
logo
Kingbright Corporation
AAF5060PBESEEVGA KINGBRIGHT-AAF5060PBESEEVGA Datasheet
197Kb / 6P
   5.0mm x 6.0mm FULL COLOR LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com