Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3773 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N3773
Description  NPN Power Transistors 16 A NPN POWER TRANSISTORS 140 V, 150 W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3773 Datasheet(HTML) 4 Page - ON Semiconductor

  2N3773_13 Datasheet HTML 1Page - ON Semiconductor 2N3773_13 Datasheet HTML 2Page - ON Semiconductor 2N3773_13 Datasheet HTML 3Page - ON Semiconductor 2N3773_13 Datasheet HTML 4Page - ON Semiconductor 2N3773_13 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2N3773
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Output Capacitance
Figure 8. Input Capacitance
VCB, COLLECTOR−BASE VOLTAGE (V)
VEB, EMITTER−BASE VOLTAGE (V)
200
150
100
50
0
10
100
1000
7
6
5
4
3
2
1
0
100
1000
10,000
f = 1 MHz
TA = 25°C
f = 1 MHz
TA = 25°C
8
30
3.0
Figure 9. Forward Bias Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
20
10
5.0
3.0
2.0
1.0
0.5
0.03
5.0 7.0
10
20
30
50
300
BONDING WIRE LIMIT
THERMAL LIMIT
@ TC = 25°C, SINGLE PULSE
SECOND BREAKDOWN LIMIT
70
0.3
0.2
dc
10
ms
100
ms
100 ms
0.1
0.05
100
200
40
ms
200
ms
1.0 ms
500 ms
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation: i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 9 is based on TJ(pk) = 200_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
< 200
_C. At high case temperatures, thermal limitations
will reduce the power that can be handled to values less than
the limitations imposed by second breakdown.


Similar Part No. - 2N3773_13

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N3773 UTC-2N3773_12 Datasheet
154Kb / 3P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N3773 JMNIC-2N3773_15 Datasheet
178Kb / 3P
   Silicon NPN Power Transistors
logo
Unisonic Technologies
2N3773 UTC-2N3773_15 Datasheet
186Kb / 3P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Inchange Semiconductor ...
2N3773 ISC-2N3773_17 Datasheet
220Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - 2N3773_13

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
2SC5200 THINKISEMI-2SC5200 Datasheet
424Kb / 2P
   150 Watt Silicon NPN Power Transistors
logo
ON Semiconductor
MJW21192 ONSEMI-MJW21192_05 Datasheet
73Kb / 6P
   8.0 A POWER TRANSISTORS COMPLEMENTARY SILICON 150 V, 125 W
June, 2005 ??Rev. 2
2N5038 ONSEMI-2N5038_07 Datasheet
84Kb / 3P
   NPN Silicon Transistors 20 AMPERE POWER TRANSISTORS 90 VOLTS - 140 WATTS
August, 2007 - Rev. 12
logo
NXP Semiconductors
BC635 NXP-BC635 Datasheet
152Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BC637 NXP-BC637 Datasheet
161Kb / 15P
   60 V, 1 A NPN medium power transistors
Rev. 07-25 June 2007
BCX56-16.115 NXP-BCX56-16.115 Datasheet
161Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 08-22 June 2007
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
logo
Nexperia B.V. All right...
BC55PA_SER NEXPERIA-BC55PA_SER Datasheet
250Kb / 12P
   60 V, 1 A NPN medium power transistors
Rev. 9 - 1 July 2022
BC56PA_SER NEXPERIA-BC56PA_SER Datasheet
250Kb / 13P
   80 V, 1 A NPN medium power transistors
Rev. 10 - 1 July 2022
BCX56T_SER NEXPERIA-BCX56T_SER Datasheet
239Kb / 12P
   80 V, 1 A NPN power bipolar transistors
Rev. 1 - 22 August 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com