Electronic Components Datasheet Search |
|
2N3773 Datasheet(PDF) 2 Page - ON Semiconductor |
|
2N3773 Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 5 page 2N3773 http://onsemi.com 2 ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted) Characteristic Symbol Min Max Unit OFF CHARACTERISTICS (Note 3) Collector−Emitter Breakdown Voltage (Note 4) (IC = 0.2 Adc, IB = 0) VCEO(sus) 140 − Vdc Collector−Emitter Sustaining Voltage (Note 4) (IC = 0.1 Adc, VBE(off) = 1.5 Vdc, RBE = 100 Ohms) VCEX(sus) 160 − Vdc Collector−Emitter Sustaining Voltage (IC = 0.2 Adc, RBE = 100 Ohms) VCER(sus) 150 − Vdc Collector Cutoff Current (Note 4) (VCE = 120 Vdc, IB = 0) ICEO − 10 mAdc Collector Cutoff Current (Note 4) (VCE = 140 Vdc, VBE(off) = 1.5 Vdc) (VCE = 140 Vdc, VBE(off) = 1.5 Vdc, TC = 150_C) ICEX − − 2 10 mAdc Collector Cutoff Current (VCB = 140 Vdc, IE = 0) ICBO − 2 mAdc Emitter Cutoff Current (Note 4) (VBE = 7 Vdc, IC = 0) IEBO − 5 mAdc ON CHARACTERISTICS (Note 3) DC Current Gain (IC = 8 Adc, VCE = 4 Vdc) (Note 4) (IC = 16 Adc, VCE = 4 Vdc) hFE 15 5 60 − − Collector−Emitter Saturation Voltage (IC = 8 Adc, IB = 800 mAdc) (Note 4) (IC = 16 Adc, IB = 3.2 Adc) VCE(sat) − − 1.4 4 Vdc Base−Emitter On Voltage (Note 4) (IC = 8 Adc, VCE = 4 Vdc) VBE(on) − 2.2 Vdc DYNAMIC CHARACTERISTICS Magnitude of Common−Emitter Small−Signal, Short−Circuit, Forward Current Transfer Ratio (IC = 1 A, f = 50 kHz) |hfe| 4 − − Small−Signal Current Gain (Note 4) (IC = 1 Adc, VCE = 4 Vdc, f = 1 kHz) hfe 40 − − SECOND BREAKDOWN CHARACTERISTICS Second Breakdown Collector Current with Base Forward Biased t = 1 s (non−repetitive), VCE = 100 V, See Figure 12 IS/b 1.5 − Adc 3. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2%. 4. Indicates JEDEC Registered Data. ORDERING INFORMATION Device Package Shipping† 2N3773G TO−204 (Pb−Free) 100 Unit / Tray †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi- cations Brochure, BRD8011/D. |
Similar Part No. - 2N3773 |
|
Similar Description - 2N3773 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |