Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTC4591AMC Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTC4591AMC
Description  COMPLEMENTARY 40V HIGH PERFORMANCE TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTC4591AMC Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTC4591AMC_15 Datasheet HTML 1Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 2Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 3Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 4Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 5Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 6Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 7Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 8Page - Diodes Incorporated ZXTC4591AMC_15 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ZXTC4591AMC
Document number: DS31925 Rev. 4 - 2
3 of 9
www.diodes.com
October 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTC4591AMC
Thermal Characteristics and Derating Information
0.1
1
10
0.01
0.1
1
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
0.1
1
10
100
0
25
50
75
100
125
150
175
200
225
100m
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.1
1
10
0.01
0.1
1
100us
8sqcm 2oz Cu
One active die
100ms
1s
V
CE(SAT)
Limited
1ms
NPN Safe Operating Area
Single Pulse, T
amb
=25°C
DC
10ms
V
CE
Collector-Emitter Voltage (V)
10sqcm 1oz Cu
One active die
10sqcm 1oz Cu
Two active die
8sqcm 2oz Cu
One active die
Derating Curve
Temperature (°C)
8sqcm 2oz Cu
One active die
D=0.2
D=0.5
D=0.1
Transient Thermal Impedance
Single Pulse
D=0.05
Pulse Width (s)
1oz Cu
Two active die
1oz Cu
One active die
2oz Cu
Once active die
2oz Cu
Two active die
Thermal Resistance v Board Area
Board Cu Area (sqcm)
1oz Cu
One active die
1oz Cu
Two active die
2oz Cu
One active die
2oz Cu
Two active die
T
amb
=25°C
T
j max
=150°C
Continuous
Power Dissipation v Board Area
Board Cu Area (sqcm)
8sqcm 2oz Cu
One active die
Single Pulse, T
amb
=25°C
V
CE(SAT)
Limited
PNP Safe Operating Area
-V
CE
Collector-Emitter Voltage (V)
100us
1ms
10ms
100ms
1s
DC


Similar Part No. - ZXTC4591AMC_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTC4591AMCTA DIODES-ZXTC4591AMCTA Datasheet
210Kb / 9P
   COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR
More results

Similar Description - ZXTC4591AMC_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTC4591AMC DIODES-ZXTC4591AMC Datasheet
210Kb / 9P
   COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR
logo
Zetex Semiconductors
ZXTD4591AM832 ZETEX-ZXTD4591AM832 Datasheet
348Kb / 8P
   COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR
logo
Diodes Incorporated
ZXTD4591AM832 DIODES-ZXTD4591AM832 Datasheet
842Kb / 10P
   MPPS??Miniature Package Power Solutions Complementary dual 40V high performance transistor
logo
Alpha & Omega Semicondu...
AO4618 AOSMD-AO4618 Datasheet
1Mb / 9P
   40V Complementary MOSFET
logo
Diodes Incorporated
MMDT2227Q DIODES-MMDT2227Q Datasheet
458Kb / 6P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
ZXTC2063E6 DIODES-ZXTC2063E6_15 Datasheet
474Kb / 9P
   40V COMPLEMENTARY MEDIUM POWER TRANSISTOR IN SOT26
DST3946DPJ DIODES-DST3946DPJ_16 Datasheet
428Kb / 9P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
FMMT591ATC DIODES-FMMT591ATC Datasheet
342Kb / 7P
   40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
FMMT591A DIODES-FMMT591A_15 Datasheet
342Kb / 7P
   40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com