Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54A Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # BAT54A
Description  SCHOTTKY BARRIER TYPE DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BAT54A Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  BAT54A_15 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2009. 2. 4
1/1
SEMICONDUCTOR
TECHNICAL DATA
BAT54A
SCHOTTKY BARRIER TYPE DIODE
Revision No : 0
For high speed Switching.
FEATURES
・Low Forward Voltage.
・Low Leakage Current.
MAXIMUM RATING (Ta=25
℃)
DIM
MILLIMETERS
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.40+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
Q
0.1 MAX
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+
_
Q
1. CATHODE 1
2. CATHODE 2
3. ANODE
2
D2
D1
1
3
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Type Name
Marking
Lot No.
L42
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
30
V
Average Forward Current
IO
0.2
A
Non-repetitive Peak
Forward Surge Current (t<1.0s)
IFSM
0.6
A
Repetitive Peak Forward Current
IFRM
0.3
A
Power Dissipation
PD
0.2
W
Junction Temperature
Tj
125
Storage Temperature
Tstg
-55
~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF=1.0mA
-
-
0.32
V
IF=10mA
-
-
0.40
V
IF=30mA
-
-
0.50
V
IF=100mA
-
-
0.80
V
Reverse Current
IR
VR=25V
-
-
2
μA
Total Capacitance
CT
VR=1V, f=1MHz
-
-
10
pF
Reverse Recovery Time
trr
IR=IF=10mA
-
-
5
ns


Similar Part No. - BAT54A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT54A215 NXP-BAT54A215 Datasheet
302Kb / 11P
   Schottky barrier diodes
Rev. 5-5 October 2012
logo
Unisonic Technologies
BAT54A UTC-BAT54A_15 Datasheet
163Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
More results

Similar Description - BAT54A_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB14 KEC-SMAB14_08 Datasheet
218Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB34 KEC-SMAB34_07 Datasheet
436Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMBB34 KEC-SMBB34 Datasheet
438Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMFB23 KEC-SMFB23_08 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com