Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGB-2233Z Datasheet(PDF) 6 Page - RF Micro Devices

Part # SGB-2233Z
Description  DC to 4.5GHZ ACTIVE BIAS GAIN BLOCK High Reliability SiGe HBT Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGB-2233Z Datasheet(HTML) 6 Page - RF Micro Devices

  SGB-2233Z Datasheet HTML 1Page - RF Micro Devices SGB-2233Z Datasheet HTML 2Page - RF Micro Devices SGB-2233Z Datasheet HTML 3Page - RF Micro Devices SGB-2233Z Datasheet HTML 4Page - RF Micro Devices SGB-2233Z Datasheet HTML 5Page - RF Micro Devices SGB-2233Z Datasheet HTML 6Page - RF Micro Devices SGB-2233Z Datasheet HTML 7Page - RF Micro Devices SGB-2233Z Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6 of 8
Preliminary
EDS-103079 Rev H
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGB-2233(Z)
Package Drawing
Dimensions in millimeters (inches)
Refer to drawing posted at www.rfmd.com for tolerances.
Typical Evaluation Board Schematic for 3.0V
RFIN
RFOUT
NC
NC
NC
NC
NC
RFIN
NC
RFOUT
Vcc
C1
C2
C3
C4
L1


Similar Part No. - SGB-2233Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGB-2233Z SIRENZA-SGB-2233Z Datasheet
125Kb / 6P
   DC - 4.5 GHz Active Bias Gain Block
More results

Similar Description - SGB-2233Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGB2433Z RFMD-SGB2433Z Datasheet
312Kb / 5P
   DC to 4GHZ ACTIVE BIAS GAIN BLOCK High Reliability SiGe HBT Technology
SGB-6433Z RFMD-SGB-6433Z Datasheet
194Kb / 8P
   DC to 3.5GHz ACTIVE BIAS GAIN BLOCK High Reliability SiGe HBT Technology
SGB2233Z RFMD-SGB2233Z Datasheet
831Kb / 8P
   DC to 4.5GHZ ACTIVE BIAS GAIN BLOCK
logo
List of Unclassifed Man...
SGB-2233 ETC-SGB-2233 Datasheet
194Kb / 6P
   DC-4.5GHz Active Bias Gain Block
logo
RF Micro Devices
SBB-4082S RFMD-SBB-4082S Datasheet
744Kb / 5P
   InGaP HBT Active Bias Gain Block
SBB-3082S RFMD-SBB-3082S Datasheet
706Kb / 5P
   InGaP HBT Active Bias Gain Block
SGB2400 RFMD-SGB2400 Datasheet
120Kb / 5P
   DC TO 4GHz ACTIVE BIAS SiGe HBT MMIC AMPLIFIER
logo
WJ Communication. Inc.
WJA1005 WJCI-WJA1005 Datasheet
213Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1001 WJCI-WJA1001 Datasheet
207Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
logo
TriQuint Semiconductor
WJA1021 TRIQUINT-WJA1021 Datasheet
209Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com