Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGB-2233Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SGB-2233Z
Description  DC to 4.5GHZ ACTIVE BIAS GAIN BLOCK High Reliability SiGe HBT Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGB-2233Z Datasheet(HTML) 1 Page - RF Micro Devices

  SGB-2233Z Datasheet HTML 1Page - RF Micro Devices SGB-2233Z Datasheet HTML 2Page - RF Micro Devices SGB-2233Z Datasheet HTML 3Page - RF Micro Devices SGB-2233Z Datasheet HTML 4Page - RF Micro Devices SGB-2233Z Datasheet HTML 5Page - RF Micro Devices SGB-2233Z Datasheet HTML 6Page - RF Micro Devices SGB-2233Z Datasheet HTML 7Page - RF Micro Devices SGB-2233Z Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
1 of 8
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
RF MEMS
SGB-2233(Z)
DC to 4.5GHZ ACTIVE BIAS GAIN BLOCK
RFMD’s SGB-2233 is a high performance SiGe HBT MMIC amplifier utilizing a Dar-
lington configuration with an active bias network. The active bias network provides
stable current over temperature and process Beta variations. Designed to run
directly from a 3Vto5V supply the SGB-2233 does not require a drop resistor as
compared to typical Darlington amplifiers. This robust amplifier features a Class 1C
ESD rating, low thermal resistance, and unconditional stability. The SGB-2233
product is designed for high linearity 3V gain block applications that require small
size and minimal external components. It is on chip matched to 50
Ω and an exter-
nal bias inductor choke is required for the application band.
NC
NC
NC
NC
NC
RFIN
NC
RFOUT
Active
Bias
High Reliability SiGe HBT
Technology
Robust Class 1C ESD
Simple and Small Size
P1dB=6.7dBm at 1950MHz
IP3=19.0dBm at 1950MHz
Low Thermal
Resistance=221C/W
Applications
3V Battery Operated Applica-
tions
LO Buffer Amp
RF Pre-Driver and RF Receive
Path
EDS-103079 Rev H
Preliminary
RFMD Green, RoHS Compliant, Pb-Free (Z Part Number)
Package: 3x3 QFN, 16-Pin
SGB-2233(Z)
DC to 4.5GHz
Active Bias
Gain Block
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
13.9
dB
850MHz
11.4
12.9
14.4
dB
1950MHz
12.5
dB
2400MHz
Output Power at 1dB Compression
7.9
dBm
850MHz
5.2
6.7
dBm
1950MHz
6.4
dBm
2400MHz
Output Third Order Intercept Point
20.5
dB
850MHz
16.5
19.0
dB
1950MHz
19.0
dB
2400MHz
Noise Figure
4.2
5.2
dB
1950MHz
Frequency of Operation
DC
4500
MHz
Input Return Loss
13.5
19.5
dB
1950MHz
Output Return Loss
12.7
16.7
dB
1950MHz
Current
21.0
25.0
29.0
mA
Thermal Resistance
221
°C/W
junction to backside
Test Conditions: Z0=50Ω, VCC=3V, IC=25mA, T=30°C


Similar Part No. - SGB-2233Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGB-2233Z SIRENZA-SGB-2233Z Datasheet
125Kb / 6P
   DC - 4.5 GHz Active Bias Gain Block
More results

Similar Description - SGB-2233Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGB2433Z RFMD-SGB2433Z Datasheet
312Kb / 5P
   DC to 4GHZ ACTIVE BIAS GAIN BLOCK High Reliability SiGe HBT Technology
SGB-6433Z RFMD-SGB-6433Z Datasheet
194Kb / 8P
   DC to 3.5GHz ACTIVE BIAS GAIN BLOCK High Reliability SiGe HBT Technology
SGB2233Z RFMD-SGB2233Z Datasheet
831Kb / 8P
   DC to 4.5GHZ ACTIVE BIAS GAIN BLOCK
logo
List of Unclassifed Man...
SGB-2233 ETC-SGB-2233 Datasheet
194Kb / 6P
   DC-4.5GHz Active Bias Gain Block
logo
RF Micro Devices
SBB-4082S RFMD-SBB-4082S Datasheet
744Kb / 5P
   InGaP HBT Active Bias Gain Block
SBB-3082S RFMD-SBB-3082S Datasheet
706Kb / 5P
   InGaP HBT Active Bias Gain Block
SGB2400 RFMD-SGB2400 Datasheet
120Kb / 5P
   DC TO 4GHz ACTIVE BIAS SiGe HBT MMIC AMPLIFIER
logo
WJ Communication. Inc.
WJA1005 WJCI-WJA1005 Datasheet
213Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1001 WJCI-WJA1001 Datasheet
207Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
logo
TriQuint Semiconductor
WJA1021 TRIQUINT-WJA1021 Datasheet
209Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com