Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTN2031F Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTN2031F
Description  50V NPN MEDIUM POWER TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN2031F Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTN2031F_15 Datasheet HTML 1Page - Diodes Incorporated ZXTN2031F_15 Datasheet HTML 2Page - Diodes Incorporated ZXTN2031F_15 Datasheet HTML 3Page - Diodes Incorporated ZXTN2031F_15 Datasheet HTML 4Page - Diodes Incorporated ZXTN2031F_15 Datasheet HTML 5Page - Diodes Incorporated ZXTN2031F_15 Datasheet HTML 6Page - Diodes Incorporated ZXTN2031F_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZXTN2031F
Document number: DS33666 Rev. 3 - 2
3 of 7
www.diodes.com
October 2014
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTN2031F
Thermal Characteristics and Derating information
0
20
40
60
80
100
10µ
100µ
100m
1
10
10m
100m
1
10
30mm x 30mm 2oz Cu
Safe Operating Area
Single Pulse
T
amb
=25°C
V
CE(sat)
Limited
100µs
1ms
10ms
100ms
1s
DC
Safe Operating Area
V
CE
Collector-Emitter Voltage (V)
0
20
40
60
80
100
120
140
160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
30mm x 30mm
2oz Cu
18mm x 18mm
2oz Cu
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
100
120
30mm x 30mm
2oz Cu
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
Single Pulse
T
amb
=25°C
30mm x 30mm
2oz Cu
Pulse Power Dissipation
Pulse Width (s)
BV
CEV
=80V
BV
CEO
=50V
Failure may occur
in this region
T
amb
=25°C
V
CE
Collector-Emitter Voltage (V)


Similar Part No. - ZXTN2031F_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2031FTA ZETEX-ZXTN2031FTA Datasheet
535Kb / 6P
   50V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN2031FTA DIODES-ZXTN2031FTA Datasheet
539Kb / 6P
   50V, SOT23, NPN medium power transistor
More results

Similar Description - ZXTN2031F_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2031F ZETEX-ZXTN2031F Datasheet
535Kb / 6P
   50V, SOT23, NPN medium power transistor
ZXTN25050DFH ZETEX-ZXTN25050DFH Datasheet
414Kb / 6P
   50V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN2031F DIODES-ZXTN2031F Datasheet
539Kb / 6P
   50V, SOT23, NPN medium power transistor
ZXTN25050DFH DIODES-ZXTN25050DFH Datasheet
425Kb / 6P
   50V, SOT23, NPN medium power transistor
FMMT491 DIODES-FMMT491 Datasheet
324Kb / 8P
   Medium power NPN transistor in SOT23
ZXTP2025F DIODES-ZXTP2025F Datasheet
512Kb / 6P
   50V, SOT23, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP2025F ZETEX-ZXTP2025F Datasheet
505Kb / 6P
   50V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
FMMT493 DIODES-FMMT493_15 Datasheet
385Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT23
FMMT489 DIODES-FMMT489_15 Datasheet
248Kb / 7P
   30V NPN MEDIUM POWER TRANSISTOR IN SOT23
ZTN23015CFHQ DIODES-ZTN23015CFHQ Datasheet
601Kb / 7P
   15V NPN MEDIUM POWER TRANSISTOR IN SOT23
July 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com